Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA231 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA231
Description  High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA231 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA231 Datasheet HTML 7Page - Texas Instruments INA231 Datasheet HTML 8Page - Texas Instruments INA231 Datasheet HTML 9Page - Texas Instruments INA231 Datasheet HTML 10Page - Texas Instruments INA231 Datasheet HTML 11Page - Texas Instruments INA231 Datasheet HTML 12Page - Texas Instruments INA231 Datasheet HTML 13Page - Texas Instruments INA231 Datasheet HTML 14Page - Texas Instruments INA231 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
Current Limit Detect Following
Every Shunt Voltage Conversion
Bus and Power Limit Detect
Following Every Bus Voltage Conversion
Power Average
Bus Voltage Average
Shunt Voltage Average
INA231
www.ti.com
SBOS644 – FEBRUARY 2013
In addition to the two operating modes (continuous and triggered), the INA231 also has a power-down mode that
reduces the quiescent current and turns off current into the INA231 inputs, which reduces the impact of supply
drain when the device is not being used. Full recovery from power-down mode requires 40 ms. The registers of
the INA231 can be written to and read from while the device is in power-down mode. The device remains in
power-down mode until one of the active modes settings are written into the Configuration register.
Although the INA231 can be read at any time, and the data from the last conversion remain available, the
conversion ready flag bit (CVRF bit, Mask/Enable register) is provided to help coordinate single-shot or triggered
conversions. The CVRF bit is set after all conversions, averaging, and multiplication operations are complete for
a single cycle.
The CVRF bit clears under these conditions:
1. Writing to the Configuration register, except when configuring the MODE bits for power-down mode; or
2. Reading the Status register.
Power Calculation
The current and power are calculated after shunt voltage and bus voltage measurements, as shown in Figure 20.
The current is calculated after a shunt voltage measurement based on the value set in the Calibration register. If
there is no value loaded into the Calibration register, the current value stored is zero. Power is calculated
following the bus voltage measurement based on the previous current calculation and bus voltage measurement.
If there is no value loaded in the Calibration register, the power value stored is also zero. These calculations are
performed in the background and do not add to the overall conversion time. These current and power values are
considered intermediate results (unless the averaging is set to 1) and are stored in an internal accumulation
register, not the corresponding output registers. Following every measured sample, the newly-calculated values
for current and power are appended to this accumulation register until all of the samples have been measured
and averaged based on the number of averages set in the Configuration register.
Figure 20. Power Calculation Scheme
In addition to the current and power accumulating after every sample, the shunt and bus voltage measurements
are also collected. After all of the samples have been measured and the corresponding current and power
calculations have been made, the accumulated average for each of these parameters is then loaded to the
corresponding output registers where they can then be read.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: INA231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com