Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA231AIYFFT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFFT
Description  High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA231AIYFFT Datasheet(HTML) 4 Page - Texas Instruments

  INA231AIYFFT Datasheet HTML 1Page - Texas Instruments INA231AIYFFT Datasheet HTML 2Page - Texas Instruments INA231AIYFFT Datasheet HTML 3Page - Texas Instruments INA231AIYFFT Datasheet HTML 4Page - Texas Instruments INA231AIYFFT Datasheet HTML 5Page - Texas Instruments INA231AIYFFT Datasheet HTML 6Page - Texas Instruments INA231AIYFFT Datasheet HTML 7Page - Texas Instruments INA231AIYFFT Datasheet HTML 8Page - Texas Instruments INA231AIYFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
INA231
SBOS644 – FEBRUARY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +3.3 V, VIN+ = 12 V, VSENSE = (VIN+ – VIN–) = 0 mV, and VBUS = 12 V, unless otherwise noted.
INA231
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
Operating supply range
+2.7
+5.5
V
330
420
μA
Quiescent current
Power-Down mode
3
7
μA
Power-on reset threshold
2
V
TEMPERATURE
Specified range
–40
+125
°C
THERMAL INFORMATION
INA231
THERMAL METRIC(1)
YFF (WCSP)
UNITS
12 PINS
θJA
Junction-to-ambient thermal resistance
90.2
θJCtop
Junction-to-case (top) thermal resistance
0.5
θJB
Junction-to-board thermal resistance
40.0
°C/W
ψJT
Junction-to-top characterization parameter
3.0
ψJB
Junction-to-board characterization parameter
39.2
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: INA231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com