Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA231AIYFFT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFFT
Description  High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA231AIYFFT Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA231AIYFFT Datasheet HTML 4Page - Texas Instruments INA231AIYFFT Datasheet HTML 5Page - Texas Instruments INA231AIYFFT Datasheet HTML 6Page - Texas Instruments INA231AIYFFT Datasheet HTML 7Page - Texas Instruments INA231AIYFFT Datasheet HTML 8Page - Texas Instruments INA231AIYFFT Datasheet HTML 9Page - Texas Instruments INA231AIYFFT Datasheet HTML 10Page - Texas Instruments INA231AIYFFT Datasheet HTML 11Page - Texas Instruments INA231AIYFFT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
0
5
10
15
20
25
0
4
8
12
16
20
24
28
32
36
Common-Mode Input Voltage (V)
G012
0
100
200
300
400
500
−50
−25
0
25
50
75
100
125
Temperature (°C)
G011
Input Gain Error (m%)
G010
−1.4
−1.2
−1
−0.8
−0.6
−50
−25
0
25
50
75
100
125
Temperature (°C)
G009
Input Offset Voltage (mV)
G008
−50
0
50
100
150
200
250
300
0
4
8
12
16
20
24
28
32
36
Common−Mode Input Voltage (V)
G007
INA231
SBOS644 – FEBRUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +3.3 V, VIN+ = 12 V, VSENSE = (VIN+ – VIN–) = 0 mV, and VBUS = 12 V, unless otherwise noted.
Figure 8. SHUNT INPUT GAIN ERROR vs COMMON-MODE
Figure 9. BUS INPUT OFFSET VOLTAGE PRODUCTION
VOLTAGE
DISTRIBUTION
Figure 10. BUS INPUT OFFSET VOLTAGE vs
Figure 11. BUS INPUT GAIN ERROR PRODUCTION
TEMPERATURE
DISTRIBUTION
Figure 12. BUS INPUT GAIN ERROR vs TEMPERATURE
Figure 13. INPUT BIAS CURRENT vs COMMON-MODE
VOLTAGE
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: INA231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com