Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA231AIYFFT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFFT
Description  High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA231AIYFFT Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA231AIYFFT Datasheet HTML 10Page - Texas Instruments INA231AIYFFT Datasheet HTML 11Page - Texas Instruments INA231AIYFFT Datasheet HTML 12Page - Texas Instruments INA231AIYFFT Datasheet HTML 13Page - Texas Instruments INA231AIYFFT Datasheet HTML 14Page - Texas Instruments INA231AIYFFT Datasheet HTML 15Page - Texas Instruments INA231AIYFFT Datasheet HTML 16Page - Texas Instruments INA231AIYFFT Datasheet HTML 17Page - Texas Instruments INA231AIYFFT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
INA231
SBOS644 – FEBRUARY 2013
www.ti.com
ALERT PIN
The INA231 has a single Alert Limit register (07h) that allows the ALERT pin to be programmed to respond to a
single user-defined event or to a conversion ready notification if desired. The Mask/Enable register allows for
selecton from one of the five available functions to monitor and set the conversion ready bit (CNVR, Mask/Enable
register) to control the response of the ALERT pin. Based on the function being monitored, a value would then be
entered into the Alert Limit register to set the corresponding threshold value that asserts the ALERT pin.
The ALERT pin allows for one of several available alert functions to be monitored to determine if a user-defined
threshold has been exceeded. The five alert functions that can be monitored are:
•
Shunt voltage overlimit (SOL)
•
Shunt voltage underlimit (SUL)
•
Bus voltage overlimit (BOL)
•
Bus voltage underlimit (BUL)
•
Power overlimit (POL)
The ALERT pin is an open-drain output. This pin is asserted when the alert function selected in the Mask/Enable
register exceeds the value programmed into the Alert Limit register. Only one of these alert functions can be
enabled and monitored at a time. If multiple alert functions are enabled, the selected function in the highest
significant bit position takes priority and responds to the Alert Limit register value. For example, if the SOL and
the SUL are both selected, the ALERT pin asserts when the Shunt Voltage Over Limit register exceeds the value
in the Alert Limit register.
The conversion-ready state of the device can also be monitored at the ALERT pin to inform the user when the
device has completed the previous conversion and is ready to begin a new conversion. The conversion ready
flag (CVRF) bit can be monitored at the ALERT pin along with one of the alert functions. If an alert function and
the CNVR bit are both enabled for monitoring at the ALERT pin, then after the ALERT pin is asserted, the CVRF
bit (D3) and the AFF bit (D4) in the Mask/Enable register must be read following the alert to determine the
source of the alert. If the conversion ready feature is not desired, and the CNVR bit is not set, the ALERT pin
only responds to an exceeded alert limit based on the alert function enabled.
If the alert function is not used, the ALERT pin can be left floating without impacting the operation of the device.
Refer to Figure 20 to see the relative timing of when the value in the Alert Limit register is compared to the
corresponding converted value. For example, if the alert function that is enabled is Shunt Voltage Over Limit
(SOL), following every shunt voltage conversion the value in the Alert Limit register is compared to the measured
shunt voltage to determine if the measurements have exceeded the programmed limit. The AFF bit (D4,
Mask/Enable register) asserts high any time the measured voltage exceeds the value programmed into the Alert
Limit register. In addition to the AFF bit being asserted, the ALERT pin is asserted based on the Alert Polarity bit
(APOL, D1, Mask/Enable register). If the Alert Latch is enabled, the AFF bit and ALERT pin remain asserted until
either the Configuration register is written to or the Mask/Enable register is read.
The bus voltage alert functions (BOL and BUL, Mask/Enable register) compare the measured bus voltage to the
Alert Limit register following every bus voltage conversion and assert the AFF bit and ALERT pin if the limit
threshold is exceeded.
The power overlimit alert function (POL, Mask/Enable Regsiter) is also compared to the calculated power value
following every bus voltage measurement conversion and asserts the AFF bit and ALERT pin if the limit
threshold is exceeded.
The alert function compares the programmed alert limit value to the result of each corresponding conversion.
Therefore, an alert can be issued during a conversion cycle where the averaged value of the signal does not
exceed the alert limit. Triggering an alert based on this intermediate conversion allows for out-of-range events to
be detected faster than the averaged output data registers are updated. This fast detection can be used to create
alert limits for quickly changing conditions through the use of the alert function, as well as to create limits to
longer-duration conditions through software monitoring of the averaged output values.
14
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: INA231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com