Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7640FC Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO7640FC
Description  Low Power Triple and Quad Channels Digital Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7640FC Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7640FC Datasheet HTML 3Page - Texas Instruments ISO7640FC Datasheet HTML 4Page - Texas Instruments ISO7640FC Datasheet HTML 5Page - Texas Instruments ISO7640FC Datasheet HTML 6Page - Texas Instruments ISO7640FC Datasheet HTML 7Page - Texas Instruments ISO7640FC Datasheet HTML 8Page - Texas Instruments ISO7640FC Datasheet HTML 9Page - Texas Instruments ISO7640FC Datasheet HTML 10Page - Texas Instruments ISO7640FC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
ISO7631FM, ISO7631FC
ISO7640FC, ISO7641FC
www.ti.com
SLLSEC3A – SEPTEMBER 2012 – REVISED SEPTEMBER 2012
ELECTRICAL CHARACTERISTICS
VCC1 at 5 V ± 10% and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
ISO7631F, ISO7640F, ISO7641F
M-Grade
C-Grade
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOH = –4 mA; see OUTx on VCC1 (5V) side
VCC1 – 0.8
4.8
VCC1 – 0.8
4.7
Figure 1
OUTx on VCC2 (3.3V) side
VCC2 - 0.4
3
VCC2 - 0.6
2.9
High-level output
VOH
V
voltage
IOH = –20 μA;
OUTx on VCC1 (5V) side
VCC1 – 0.1
5
VCC1 – 0.1
5
see Figure 1
OUTx on VCC2 (3.3V) side
VCC2 – 0.1
3.3
VCC2 – 0.1
3.3
IOL = 4 mA; see Figure 1
0.2
0.4
0.3
0.5
Low-level output
VOL
V
voltage
IOL = 20 μA; see Figure 1
0
0.1
0
0.1
VI(HYS)
Input threshold voltage
430
430
mV
hysteresis
IIH
High-level input current
VIH = VCC at INx or ENx
10
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
-10
-10
Common-mode
CMTI
VI = VCC or 0 V; see Figure 4
25
50
25
50
kV/
μs
transient immunity
SWITCHING CHARACTERISTICS
VCC1 at 5 V ± 10% and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
ISO7631F, ISO7640F, ISO7641F
M-Grade
C-Grade
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
4
8
13
11
18
32
See Figure 1
PWD(1)
Pulse width distortion |tPHL – tPLH|
2
3.5
Same-direction Channels
2.5
4.5
ns
tsk(o)
(2)
Channel-to-channel output skew time
Opposite-direction Channels
3.5
5.5
tsk(pp)
(3)
Part-to-part skew time
6
15
tr
Output signal rise time
2
3.6
See Figure 1
ns
tf
Output signal fall time
1.2
3.3
Disable Propagation Delay, high-to-
tPHZ
6.5
17
9
20
high impedance output
Disable Propagation Delay, low-to-
tPLZ
6.5
17
8
20
high impedance output
See Figure 2
ns
Enable Propagation Delay, high
tPZH
5.5
17
11000
22000(4)
impedance-to-high output
Enable Propagation Delay, high
tPZL
5.5
17
10
30
impedance-to-low output
Fail-safe output delay time from input
tfs
See Figure 3
9.5
8.5
μs
data or power loss
(1)
Also known as Pulse Skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
(4)
The enable signal rate for C-grade devices should be
≤ 45 Kbps.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ISO7631FM ISO7631FC ISO7640FC ISO7641FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com