Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7640FC Datasheet(PDF) 3 Page - Texas Instruments

Part # ISO7640FC
Description  Low Power Triple and Quad Channels Digital Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7640FC Datasheet(HTML) 3 Page - Texas Instruments

  ISO7640FC Datasheet HTML 1Page - Texas Instruments ISO7640FC Datasheet HTML 2Page - Texas Instruments ISO7640FC Datasheet HTML 3Page - Texas Instruments ISO7640FC Datasheet HTML 4Page - Texas Instruments ISO7640FC Datasheet HTML 5Page - Texas Instruments ISO7640FC Datasheet HTML 6Page - Texas Instruments ISO7640FC Datasheet HTML 7Page - Texas Instruments ISO7640FC Datasheet HTML 8Page - Texas Instruments ISO7640FC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
ISO7631FM, ISO7631FC
ISO7640FC, ISO7641FC
www.ti.com
SLLSEC3A – SEPTEMBER 2012 – REVISED SEPTEMBER 2012
AVAILABLE OPTIONS
RATED
INPUT
DATA RATE
CHANNEL
MARKED
ORDERING
PRODUCT
PACKAGE
ISOLATION
THRESHOLD
and FILTER
DIRECTION
AS
NUMBER
ISO7631FMDW (rail)
150 Mbps,
2 Forward,
ISO7631FM
ISO7631FM
No Noise Filter
1 Reverse
ISO7631FMDWR (reel)
ISO7631FCDW (rail)
2 Forward,
ISO7631FC
ISO7631FC
1 Reverse
ISO7631FCDWR (reel)
1.5 V TTL
25 Mbps,
ISO7640FCDW (rail)
4 Forward,
ISO7640FC(1)
4 KVPK /
DW-16
(CMOS
Integrated Noise
ISO7640FC
0 Reverse
ISO7640FCDWR (reel)
2.5 KVRMS
(2)
Compatible)
Filter
ISO7641FCDW (rail)
3 Forward,
ISO7641FC
ISO7641FC
1 Reverse
ISO7641FCDWR (reel)
(1)
Product Preview
(2)
See the Regulatory Information table for detailed isolation ratings.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ISO7631FM ISO7631FC ISO7640FC ISO7641FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com