Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7640FC Datasheet(PDF) 23 Page - Texas Instruments

Part # ISO7640FC
Description  Low Power Triple and Quad Channels Digital Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7640FC Datasheet(HTML) 23 Page - Texas Instruments

Back Button ISO7640FC Datasheet HTML 19Page - Texas Instruments ISO7640FC Datasheet HTML 20Page - Texas Instruments ISO7640FC Datasheet HTML 21Page - Texas Instruments ISO7640FC Datasheet HTML 22Page - Texas Instruments ISO7640FC Datasheet HTML 23Page - Texas Instruments ISO7640FC Datasheet HTML 24Page - Texas Instruments ISO7640FC Datasheet HTML 25Page - Texas Instruments ISO7640FC Datasheet HTML 26Page - Texas Instruments ISO7640FC Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
5
10
15
20
25
Data Rate (Mbps)
VCC = 3.3 V
VCC = 5 V
TA = 25°C
CL = 15 pF
All Channels Switching
Typ Jitter on output pin shown
G107
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
20
40
60
80
100
120
140
160
180
Data Rate (Mbps)
VCC = 5 V
VCC = 3.3 V
TA = 25°C
CL = 15 pF
All Channels Switching
Typ Jitter on output pin shown
G009
16
18
20
22
24
26
28
−40
−20
0
20
40
60
80
100
120
140
Free−Air Temperature (°C)
tPLH at 3.3 V
tPHL at 3.3 V
tPLH at 5 V
tPHL at 5 V
CL = 15 pF
G106
2.36
2.38
2.4
2.42
2.44
2.46
2.48
2.5
2.52
−40
−20
0
20
40
60
80
100
120
Free−Air Temperature (°C)
VCC Rising
VCC Falling
G007
6
7
8
9
10
11
−40
−15
10
35
60
85
110
135 150
Free−Air Temperature (°C)
tPLH at 3.3 V
tPHL at 3.3 V
tPHL at 5 V
tPLH at 5 V
CL = 15 pF
G008
ISO7631FM, ISO7631FC
ISO7640FC, ISO7641FC
www.ti.com
SLLSEC3A – SEPTEMBER 2012 – REVISED SEPTEMBER 2012
TYPICAL CHARACTERISTICS (continued)
Figure 20. VCC Undervoltage Threshold
Figure 21. M-Grade Propagation Delay Time
vs Free Air Temperature
vs Free Air Temperature
Figure 22. C-Grade Propagation Delay Time
Figure 23. M-Grade Output Jitter vs Data Rate
vs Free Air Temperature
Figure 24. C-Grade Output Jitter vs Data Rate
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: ISO7631FM ISO7631FC ISO7640FC ISO7641FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com