Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8480MMX-S/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8480MMX-S/NOPB
Description  Precision 76V High-Side Current Sense Amplifiers with Voltage Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8480MMX-S/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMP8480MMX-S/NOPB Datasheet HTML 1Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 2Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 3Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 4Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 5Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 6Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 7Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 8Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1
2
3
4
8
7
6
5
NC
RSP
RSN
VCC
GND
VOUT
VREFA
VREFB
LMP
8481
LMP8480, LMP8481
SNVS829A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
LMP8481 8-Pad LLP
Figure 6. Top View
Table 1. Pin Descriptions
Pin
Name
Description
1
RSP
Positive current sense input
2
VCC
Positive supply voltage
3
NC
No Connection – Not internally Connected.
4
GND
Ground
5
VOUT
Output
6
NC or REFA
LMP8480: No Connection
LMP8481: Reference Voltage “B” Input
7
NC or REFB
LMP8480: No Connection
LMP8481: Reference Voltage “A” Input
8
RSN
Negative current sense input
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Over operating free-air temperature range (unless otherwise noted).
LMP8480, LMP8481
UNIT
Supply Voltage (VCC to GND)
-0.3 to +85
V
RSP or RSN to GND
-0.3 to +85
V
VOUT to GND
-0.3 to the lesser of (VCC + 0.3) or +20
V
Other VREF pin tied to ground
-0.3 to +12
V
VREF Pins
(LMP8481 Only)
Applied to both VREF Pins tied together
-0.3 to +6
V
Differential Input Voltage
±85
V
Current into output pin
±20 (2)
mA
Current into any other pins
±5 (2)
mA
Operating Temperature
–40 to +125
°C
Storage Temperature
-65° to +150
°C
Junction Temperature
+150
°C
MSOP-8
185
°C/W
Package Thermal
Resistance (
θJA)
LLP-8
70
°C/W
Human Body Model (HBM)
2000
V
ESD Ratings
Charged Device Model (CDM)
750
V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics Tables.
(2)
When the input voltage (VIN) at any pin exceeds power supplies (VIN < GND or VIN > VS ), the current at that pin must not exceed
5mA, and the voltage (VIN) has to be within the Absolute Maximum Rating for that pin. The 20mA package input current rating limits the
number of pins that can safely exceed the power supplies with current flow to four pins.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com