Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8480MMX-S/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8480MMX-S/NOPB
Description  Precision 76V High-Side Current Sense Amplifiers with Voltage Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8480MMX-S/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP8480MMX-S/NOPB Datasheet HTML 5Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 6Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 7Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 8Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 9Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 10Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 11Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 12Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
0
10
20
30
40
50
60
70
80
75
80
85
90
95
100
SUPPLY VOLTAGE (V)
VRSP= 48V
-50
-25
0
25
50
75
100 125
80
85
90
95
100
105
110
115
TEMPERATURE (°C)
VCC= VRSP= 48V
0
20 40 60 80 100 120 140 160 180 200
-4
-3
-2
-1
0
1
2
3
4
TIME ( s)
0 20 40 60 80 100120140160180200
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
TIME ( s)
10
100
1k
10k
100k
1M
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
FREQUENCY (Hz)
100
1k
10k
100k
1M
0
5
10
15
20
25
30
35
40
45
50
FREQUENCY (Hz)
VOUT= 100mVpp
LMP8480-S
LMP8480, LMP8481
www.ti.com
SNVS829A – JUNE 2012 – REVISED AUGUST 2012
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, VCC= 4.5V to 76V, 4.5V < VCM < 76V, RL= 100k, VSENSE = (VR
SP – V
RSN) = 0V, for all
gain options.
AC Power Supply Rejection Ratio
Small Signal Gain
vs.
vs.
Frequency
Frequency
Large Signal Pulse Response
Small Signal Pulse Response
Supply Current
Supply Current
vs.
vs.
Supply Voltage
Temperature
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com