Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8480MMX-S/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8480MMX-S/NOPB
Description  Precision 76V High-Side Current Sense Amplifiers with Voltage Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8480MMX-S/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMP8480MMX-S/NOPB Datasheet HTML 10Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 11Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 12Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 13Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 14Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 15Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 16Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 17Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
VREF
100 k:
2.5V
5V
VREFA
VREFB
100 k:
VREF
100 k:
2.5V
VREFA
VREFB
100 k:
VREF
2.5V
LMP8480, LMP8481
SNVS829A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
VREF’ = ( VREFA + VREFB ) / 2 (Separate inputs)
(5)
Figure 13. Applying 1:1 Direct Reference Voltage
For mid-range operation VREFB should be tied to ground and VREFA can be tied to VS or an external A/D
reference voltage. The output will be set to one-half the reference voltage. For example, a 5V reference would
result in a 2.5V output “zero” reference.
Figure 14. Applying A Divided Reference Voltage.
VREF’ = (VREFA – VREFB) / 2
(6)
When the reference pins are biased at different voltages, the output will be referenced to the average of the two
applied voltages.
The reference pins should always be driven from clean, stable sources, such as A/D reference lines or clean
supply lines. Any noise or drifts on the reference inputs are directly reflected in the output. Care should be taken
if the power supply is used as the reference source so as to not introduce supply noise, drift or sags into the
measurement.
It is possible to set different resistor divider ratios by adding external resistors in series with the internal 100K
resistors, though the temperature coefficient (tempco) of the external resistors may not tightly track the internal
resistors and there will be slight errors over temperature.
REFERENCE INPUT VOLTAGE LIMITS
The maximum voltage on either reference input pin is limited to VCC or 12V, whichever is less.
The average voltage on the two VREF pins, and thus the actual output reference voltage level, is limited to a
maximum of 1.5V below VCC, or 6V, whichever is less. Beware that supply voltages of less than 7.5V will have a
diminishing VREF maximum.
Both VREFA and VREFB may both be grounded to provide a ground referenced output (thus functionally duplicating
the LMP8480).
It should be noted that there can be a dynamic error in the VREF to output level matching of up to 100µV/V.
Normally this is not an issue for fixed references, but if the reference voltage is dynamically adjusted during
operation, this error needs to be taken into account during calibration routines. This error will vary in both
amplitude and polarity part-to-part, but the slope will generally be linear.
SELECTION OF THE SENSE RESISTOR
The accuracy of the current measurement depends heavily on the accuracy of the shunt resistor RSENSE. Its
value depends on the application and is a compromise between small-signal accuracy, maximum permissible
voltage drop and allowable power dissipation in the current measurement circuit.
The use of a “4-terminal” or “Kelvin” sense resistor is highly recommended. See the ERROR SOURCES AND
LAYOUT CONSIDERATIONS below.
14
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com