Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8143FP Datasheet(PDF) 4 Page - Analog Devices

Part # DAC8143FP
Description  12-Bit Serial Daisy-Chain CMOS D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8143FP Datasheet(HTML) 4 Page - Analog Devices

  DAC8143FP Datasheet HTML 1Page - Analog Devices DAC8143FP Datasheet HTML 2Page - Analog Devices DAC8143FP Datasheet HTML 3Page - Analog Devices DAC8143FP Datasheet HTML 4Page - Analog Devices DAC8143FP Datasheet HTML 5Page - Analog Devices DAC8143FP Datasheet HTML 6Page - Analog Devices DAC8143FP Datasheet HTML 7Page - Analog Devices DAC8143FP Datasheet HTML 8Page - Analog Devices DAC8143FP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DAC8143
–4–
REV. C
PIN CONNECTIONS
16-Lead Epoxy Plastic DIP
16-Lead SOIC
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IOUT1
RFB
DAC8143
IOUT2
VREF
AGND
VDD
STB1
CLR
LD1
DGND
SRO
STB4
SRI
STB3
STB2
LD2
ABSOLUTE MAXIMUM RATINGS
(TA = +25
°C, unless otherwise noted.)
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +17 V
VREF to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ± 25 V
VRFB to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±25 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . VDD + 0.3 V
DGND to AGND . . . . . . . . . . . . . . . . . . . . . . . . VDD + 0.3 V
Digital Input Voltage Range . . . . . . . . . . . . . . . –0.3 V to VDD
Output Voltage (Pin 1, Pin 2) . . . . . . . . . . . . . . –0.3 V to VDD
Operating Temperature Range
FP/FS Versions . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . +300
°C
Package Type
JA*
JC
Units
16-Lead Plastic DIP
76
33
°C/W
16-Lead SOIC
92
27
°C/W
*
θ
JA is specified for worst case mounting conditions, i.e.,
θ
JA is specified for
device in socket for P-DIP package;
θ
JA is specified for device soldered to
printed circuit board for SOIC package.
CAUTION
1. Do not apply voltage higher than VDD or less than DGND po-
tential on any terminal except VREF (Pin 15) and RFB (Pin 16).
2. The digital control inputs are Zener-protected; however,
permanent damage may occur on unprotected units from
high energy electrostatic fields. Keep units in conductive
foam at all times until ready to use.
3. Use proper antistatic handling procedures.
4. Absolute Maximum Ratings apply to packaged devices.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device.
ORDERING GUIDE
Gain
Temperature
Package
Package
Model
Nonlinearity
Error
Range
Descriptions
Options
DAC8143FP
±1 LSB
±2 LSB
–40
°C to +85°C
16-Lead Plastic DIP
N-16
DAC8143FS
±1 LSB
±2 LSB
–40
°C to +85°C
16-Lead SOIC
R-16W
Die Size: 99
× 107 mil, 10,543 sq. mils.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the DAC8143 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com