Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8143FP Datasheet(PDF) 8 Page - Analog Devices

Part # DAC8143FP
Description  12-Bit Serial Daisy-Chain CMOS D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8143FP Datasheet(HTML) 8 Page - Analog Devices

Back Button DAC8143FP Datasheet HTML 4Page - Analog Devices DAC8143FP Datasheet HTML 5Page - Analog Devices DAC8143FP Datasheet HTML 6Page - Analog Devices DAC8143FP Datasheet HTML 7Page - Analog Devices DAC8143FP Datasheet HTML 8Page - Analog Devices DAC8143FP Datasheet HTML 9Page - Analog Devices DAC8143FP Datasheet HTML 10Page - Analog Devices DAC8143FP Datasheet HTML 11Page - Analog Devices DAC8143FP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DAC8143
–8–
REV. C
Where RO is a function of the digital code, and:
RO = 10 kΩ for more than four bits of Logic 1,
RO = 30 k
Ω for any single bit of Logic 1.
Therefore, the offset gain varies as follows:
at code 0011 1111 1111,
VERROR1 = VOS 1+
10 k
Ω
10 k
Ω

 = 2 VOS
at code 0100 0000 0000,
VERROR2 = VOS 1+
10 k
Ω
30 k
Ω

 = 4/3 VOS
The error difference is 2/3 VOS.
Since one LSB has a weight (for VREF = +10 V) of 2.4 mV for
the DAC8143, it is clearly important that VOS be minimized,
using either the amplifier’s pulling pins, an external pulling
network, or by selection of an amplifier with inherently low VOS.
Amplifiers with sufficiently low VOS include OP77, OP97, OP07,
OP27, and OP42.
INTERFACE LOGIC OPERATION
The microprocessor interface of the DAC8143 has been design-
ed with multiple STROBE and LOAD inputs to maximize inter-
facing options. Control signals decoding may be done on chip or
with the use of external decoding circuitry (see Figure 21).
Serial data is clocked into the input register and buffered output
stage with STB1, STB2, or STB4. The strobe inputs are active
on the rising edge.
STB3 may be used with a falling edge clock
data.
WORD N
WORD N –1
WORD N –2
WORD N –1
WORD N
BIT 11
BIT 2
BIT 12
LSB
BIT 1
MSB
BIT 12
LSB
BIT 2
BIT 1
MSB
SRI
BIT 2
BIT 1
MSB
BIT 1
MSB
BIT 2
BIT 12
LSB
BIT 1
LSB
t
DS1, tDS2, tDS3, tDS4
SRO
t
DH1, tDH2, tDH3, tDH4
t
PD
t
STB1
t
STB2
t
STB3
t
STB4
tSTB1
tSTB2
tSTB3
tSTB4
* STROBE
(STB1, STB2, STB4)
12
12
1
2
t
LD1
t
LD2
t
SR1
12
11
t
ASB
LD1 AND LD2
LOAD NEW 12-BIT WORD INTO
INPUT REGISTER AND SHIFT
OUT PREVIOUS WORD
LOAD INPUT REGISTER'S
DATA INTO DAC REGISTER
NOTES:
* STROBE WAVEFORM IS INVERTED IF
STB
3 IS USED TO STROBE SERIAL DATA
BITS INTO INPUT REGISTER.
** DATA IS STROBED INTO AND OUT OF
THE INPUT SHIFT REGISTER MSB FIRST.
Figure 15. Timing Diagram
Serial data output (SRO) follows the serial data input (SRI) by
12 clocked bits.
Holding any STROBE input at its selected state (i.e., STB1,
STB2 or STB4 at logic HIGH or STB3 at logic LOW) will act to
prevent any further data input.
When a new data word has been entered into the input register,
it is transferred to the DAC register by asserting both LOAD
inputs.
The
CLR input allows asynchronous resetting of the DAC regis-
ter to 0000 0000 0000. This reset does not affect data held in
the input registers. While in unipolar mode, a CLEAR will
result in the analog output going to 0 V. In bipolar mode, the
output will go to –VREF.
INTERFACE INPUT DESCRIPTION
STB1 (Pin 4), STB2 (Pin 8), STB4 (Pin 11)—Input Register
and Buffered Output Strobe. Inputs Active on Rising
Edge. Selected to load serial data into input register and buff-
ered output stage. See Table I for details.
STB
3 (Pin 10)—Input Register and Buffered Output
Strobe Input. Active on Falling Edge. Selected to load serial
data into input register and buffered output stage. See Table I
for details.
LD
1 (Pin 5), LD2 (Pin 9)—Load DAC Register Inputs.
Active Low. Selected together to load contents of input register
into DAC register.
CLR (Pin 13)—Clear Input. Active Low. Asynchronous.
When LOW, 12-bit DAC register is forced to a zero code (0000
0000 0000) regardless of other interface inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com