Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8143FP Datasheet(PDF) 12 Page - Analog Devices

Part # DAC8143FP
Description  12-Bit Serial Daisy-Chain CMOS D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8143FP Datasheet(HTML) 12 Page - Analog Devices

Back Button DAC8143FP Datasheet HTML 4Page - Analog Devices DAC8143FP Datasheet HTML 5Page - Analog Devices DAC8143FP Datasheet HTML 6Page - Analog Devices DAC8143FP Datasheet HTML 7Page - Analog Devices DAC8143FP Datasheet HTML 8Page - Analog Devices DAC8143FP Datasheet HTML 9Page - Analog Devices DAC8143FP Datasheet HTML 10Page - Analog Devices DAC8143FP Datasheet HTML 11Page - Analog Devices DAC8143FP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
DAC8143
–12–
REV. C
DAC8143 INTERFACE TO THE 8085
The DAC8143’s interface to the 8085 microprocessor is shown
in Figure 22. Note that the microprocessor’s SOD line is used
to present data serially to the DAC.
Data is strobed into the DAC8143 by executing memory write
instructions. The strobe 2 input is generated by decoding an
address location and
WR. Data is loaded into the DAC register
with a memory write instruction to another address location.
Serial data supplied to the DAC8143 must be present in the
right-justified format in registers H and L of the microprocessor.
STB1 DAC8143*
SRI
SRO
LD2
LD1
STB3
STB2
STB4
CLR
74LS138
ADDRESS
DECODER
A0
A2
E1
E3
E2
WR
ALE
SOD
8085
ADDRESS BUS (16)
DATA
+5V
FROM SYSTEM RESET
*ANALOG CIRCUITRY OMITTED FOR SIMPLICITY
+5V
A0–A15
8212
(8)
(8) AD0–7
Figure 22. DAC8143—8085 Interface
DAC8143 INTERFACE TO THE 68000
Figure 23 shows the DAC8143 configured to the 68000 micro-
processor. Serial data input is similar to that of the 6800 in
Figure 21.
STB1
DAC8143
SRI
LD2
LD1
STB3
STB4
CLR
ADDRESS
DECODER
A1
A23
AS
DB15
DB0
68000 P
ADDRESS BUS
DATA BUS
FROM SYSTEM RESET
CS
VMA
VPA
UDS
+5V
1/4 74HC125
+
STB2
Figure 23. DAC8143 to 68000
µP Interface
OUTLINE DIMENSIONS
Dimensions are shown in inches and (mm).
16-Lead Plastic DIP
(N-16)
16
18
9
PIN 1
0.840 (21.34)
0.745 (18.92)
0.280 (7.11)
0.240 (6.10)
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.210 (5.33)
MAX
0.022 (0.558)
0.014 (0.356)
0.160 (4.06)
0.115 (2.93)
0.100
(2.54)
BSC
0.070 (1.77)
0.045 (1.15)
0.130
(3.30)
MIN
0.195 (4.95)
0.115 (2.93)
0.015 (0.381)
0.008 (0.204)
0.325 (8.25)
0.300 (7.62)
16-Lead SOIC
(R-16W)
SEATING
PLANE
0.0118 (0.30)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.1043 (2.65)
0.0926 (2.35)
0.050 (1.27)
BSC
16
9
8
1
0.4193 (10.65)
0.3937 (10.00)
0.2992 (7.60)
0.2914 (7.40)
PIN 1
0.4133 (10.50)
0.3977 (10.00)
0.0125 (0.32)
0.0091 (0.23)
8
0
0.0291 (0.74)
0.0098 (0.25)
45
0.0500 (1.27)
0.0157 (0.40)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com