Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8248 Datasheet(PDF) 1 Page - Analog Devices

Part # DAC8248
Description  Dual 12-Bit 8-Bit Byte Double-Buffered CMOS D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8248 Datasheet(HTML) 1 Page - Analog Devices

  DAC8248 Datasheet HTML 1Page - Analog Devices DAC8248 Datasheet HTML 2Page - Analog Devices DAC8248 Datasheet HTML 3Page - Analog Devices DAC8248 Datasheet HTML 4Page - Analog Devices DAC8248 Datasheet HTML 5Page - Analog Devices DAC8248 Datasheet HTML 6Page - Analog Devices DAC8248 Datasheet HTML 7Page - Analog Devices DAC8248 Datasheet HTML 8Page - Analog Devices DAC8248 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Dual 12-Bit (8-Bit Byte)
Double-Buffered CMOS D/A Converter
DAC8248
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Two Matched 12-Bit DACs on One Chip
12-Bit Resolution with an 8-Bit Data Bus
Direct Interface with 8-Bit Microprocessors
Double-Buffered Digital Inputs
RESET to Zero Pin
12-Bit Endpoint Linearity ( 1/2 LSB) Over Temperature
5 V to
15 V Single Supply Operation
Latch-Up Resistant
Improved ESD Resistance
Packaged in a Narrow 0.3" 24-Pin DIP and 0.3" 24-Pin
SOL Package
Available in Die Form
APPLICATIONS
Multichannel Microprocessor-Controlled Systems
Robotics/Process Control/Automation
Automatic Test Equipment
Programmable Attenuator, Power Supplies, Window
Comparators
Instrumentation Equipment
Battery Operated Equipment
GENERAL DESCRIPTION
The DAC8248 is a dual 12-bit, double-buffered, CMOS digital-
to-analog converter. It has an 8-bit wide input data port that inter-
faces directly with 8-bit microprocessors. It loads a 12-bit word in
two bytes using a single control; it can accept either a least signifi-
cant byte or most significant byte first. For designs with a 12-bit or
16-bit wide data path, choose the DAC8222 or DAC8221.
The DAC8248’s double-buffered digital inputs allow both
DAC’s analog output to be updated simultaneously. This is par-
ticularly useful in multiple DAC systems where a common
LDAC
signal updates all DACs at the same time. A single
RESET
pin resets both outputs to zero.
The DAC8248’s monolithic construction offers excellent DAC-
to-DAC matching and tracking over the full operating tempera-
ture range. The DAC consists of two thin-film R-2R resistor
ladder networks, two 12-bit, two 8-bit, and two 4-bit data regis-
ters, and control logic circuitry. Separate reference input and
feedback resistors are provided for each DAC. The DAC8248
(continued on page 4)
FUNCTIONAL BLOCK DIAGRAM
PIN CONNECTIONS
24-Pin 0.3" Cerdip (W Suffix),
24-Pin Epoxy DIP (P Suffix),
24-Pin SOL (S Suffix)


Similar Part No. - DAC8248

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8248 AD-DAC8248 Datasheet
362Kb / 16P
Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
REV. B
DAC8248AW AD-DAC8248AW Datasheet
352Kb / 16P
Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
REV. B
DAC8248EW AD-DAC8248EW Datasheet
352Kb / 16P
Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
REV. B
DAC8248FP AD-DAC8248FP Datasheet
352Kb / 16P
Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
REV. B
DAC8248FPZ AD-DAC8248FPZ Datasheet
362Kb / 16P
Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
REV. B
More results

Similar Description - DAC8248

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8221 AD-DAC8221 Datasheet
597Kb / 16P
Dual 12-Bit Buffered Multiplying CMOS D/A Converter
DAC8222 AD-DAC8222 Datasheet
491Kb / 15P
Dual 12-Bit Double-Buffered Multiplying CMOS D/A Converter
REV.C
PM-7645 AD-PM-7645 Datasheet
348Kb / 11P
12-Bit Buffered Miltiplying CMOS D/A Converter
PM7528FPZ AD-PM7528FPZ Datasheet
1Mb / 5P
DUAL 8-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTER
REV. C
DAC8248FS AD-DAC8248FS Datasheet
352Kb / 16P
Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
REV. B
logo
List of Unclassifed Man...
PM7528FS ETC-PM7528FS Datasheet
1Mb / 5P
DUAL 8-BIT BUFFERED MULTIPLING CMOS D/A CONVERTER
logo
Analog Devices
PM7628FP AD-PM7628FP Datasheet
766Kb / 16P
Dual 8-Bit Buffered Multiplying CMOS D/A Converter
REV. A
DAC8248FPZ AD-DAC8248FPZ Datasheet
362Kb / 16P
Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
REV. B
DAC8222 AD-DAC8222_15 Datasheet
497Kb / 15P
Dual 12-Bit Double-Buffered Multiplying CMOS D/A Converter
REV. C
DAC8248 AD-DAC8248_15 Datasheet
352Kb / 16P
Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com