Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8222FS Datasheet(PDF) 5 Page - Analog Devices

Part # DAC8222FS
Description  Dual 12-Bit Double-Buffered Multiplying CMOS D/A Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8222FS Datasheet(HTML) 5 Page - Analog Devices

  DAC8222FS Datasheet HTML 1Page - Analog Devices DAC8222FS Datasheet HTML 2Page - Analog Devices DAC8222FS Datasheet HTML 3Page - Analog Devices DAC8222FS Datasheet HTML 4Page - Analog Devices DAC8222FS Datasheet HTML 5Page - Analog Devices DAC8222FS Datasheet HTML 6Page - Analog Devices DAC8222FS Datasheet HTML 7Page - Analog Devices DAC8222FS Datasheet HTML 8Page - Analog Devices DAC8222FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DAC8222
–5–
REV. C
Figure 1. Channel-to-Channel Match-
ing (DAC A and B are Superimposed)
Figure 4. Nonlinearity vs. VREF
Figure 7. Nonlinearity vs. Code
(DAC A and B are Superimposed)
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. Differential Nonlinearity
vs. VREF
Figure 5. Nonlinearity vs. VREF
Figure 8. Nonlinearity vs. Code at TA
= –55
°C, +25°C, +125°C for DAC A and
B (All Superimposed)
Figure 3. Differential Nonlinearity
vs. VREF
Figure 6. Nonlinearity vs. VDD
Figure 9. Absolute Gain Error
Changes vs. VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com