Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8222FS Datasheet(PDF) 11 Page - Analog Devices

Part # DAC8222FS
Description  Dual 12-Bit Double-Buffered Multiplying CMOS D/A Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8222FS Datasheet(HTML) 11 Page - Analog Devices

Back Button DAC8222FS Datasheet HTML 7Page - Analog Devices DAC8222FS Datasheet HTML 8Page - Analog Devices DAC8222FS Datasheet HTML 9Page - Analog Devices DAC8222FS Datasheet HTML 10Page - Analog Devices DAC8222FS Datasheet HTML 11Page - Analog Devices DAC8222FS Datasheet HTML 12Page - Analog Devices DAC8222FS Datasheet HTML 13Page - Analog Devices DAC8222FS Datasheet HTML 14Page - Analog Devices DAC8222FS Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DAC8222
–11–
REV. C
Figure 25. Bipolar Configuration (Four-Quadrant Multiplication)
resistors R5, R6, R7, should be ratio-matched to 0.01% so that
gain error meets data sheet specifications. (Corresponding resis-
tors, R8, R9, and R10 for DAC B should also be matched to
0.01%). The resistors should have identical temperature coeffi-
cients if operating over the full temperature range.
Zero and full-scale are adjusted one of two ways and are at the
user’s discretion. Zero-output can be adjusted by first setting
the digital inputs to 1000 0000 0000 and adjusting R1 (R3 for
DAC B) so that VOUTA (or VOUT B) equals 0 V. If R1, R2 (R3,
R4 for DAC B) are omitted, then VOUT = 0 V can be adjusted
by varying R6, R7 (R9, R10 for DAC B) ratios. Full-scale is ad-
justed by setting the digital inputs to 1111 1111 1111 and vary-
ing R5 (R8 for DAC B). Full-scale can also be adjusted by
varying VREF. Full-scale output is equal to VREF minus one LSB.
Table III. Bipolar (Offset Binary) Code Table
(Refer to Figure 25)
Binary Number in
DAC Register
Analog Output, VOUT
MSB
LSB
(
DAC A or DAC B)
1111 1111 1111
+VREF
2047
2048
1000 0000 0001
+VREF
1
2048
1000 0000 0000
0 V
0111 1111 1111
–VREF
1
2048
0000 0000 0000
–VREF
2048
2048
NOTE
1 LSB = (2
–11) (V
REF) =
1
2048
(VREF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com