Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8222FS Datasheet(PDF) 15 Page - Analog Devices

Part # DAC8222FS
Description  Dual 12-Bit Double-Buffered Multiplying CMOS D/A Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8222FS Datasheet(HTML) 15 Page - Analog Devices

Back Button DAC8222FS Datasheet HTML 7Page - Analog Devices DAC8222FS Datasheet HTML 8Page - Analog Devices DAC8222FS Datasheet HTML 9Page - Analog Devices DAC8222FS Datasheet HTML 10Page - Analog Devices DAC8222FS Datasheet HTML 11Page - Analog Devices DAC8222FS Datasheet HTML 12Page - Analog Devices DAC8222FS Datasheet HTML 13Page - Analog Devices DAC8222FS Datasheet HTML 14Page - Analog Devices DAC8222FS Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
–15–
REV. C
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
24-Lead Cerdip
(Q-24)
24
1
12
13
0.310 (7.87)
0.220 (5.59)
PIN 1
0.005 (0.13) MIN
0.098 (2.49) MAX
SEATING
PLANE
0.023 (0.58)
0.014 (0.36)
0.200 (5.08)
MAX
1.280 (32.51) MAX
0.150
(3.81)
MIN
0.200 (5.08)
0.125 (3.18)
0.100 (2.54)
BSC
0.060 (1.52)
0.015 (0.38)
0.070 (1.78)
0.030 (0.76)
15°
0°
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
24-Lead Plastic DIP
(N-24)
24
112
13
PIN 1
1.275 (32.30)
1.125 (28.60)
0.280 (7.11)
0.240 (6.10)
0.195 (4.95)
0.115 (2.93)
0.015 (0.381)
0.008 (0.204)
0.325 (8.25)
0.300 (7.62)
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.210
(5.33)
MAX
0.022 (0.558)
0.014 (0.356)
0.200 (5.05)
0.125 (3.18)
0.150
(3.81)
MIN
0.100
(2.54)
BSC
0.070 (1.77)
0.045 (1.15)
28-Terminal Leadless Ceramic Chip Carrier
(E-28A)
1
28
5
11
18
BOTTOM
VIEW
19
25
26
4
12
0.028 (0.71)
0.022 (0.56)
45 TYP
0.015 (0.38)
MIN
0.055 (1.40)
0.045 (1.14)
0.050
(1.27)
BSC
0.075
(1.91)
REF
0.011 (0.28)
0.007 (0.18)
R TYP
0.095 (2.41)
0.075 (1.90)
0.150
(3.51)
BSC
0.300 (7.62)
BSC
0.200
(5.08)
BSC
0.075
(1.91)
REF
0.458 (11.63)
0.442 (11.23)
SQ
0.458
(11.63)
MAX
SQ
0.100 (2.54)
0.064 (1.63)
0.088 (2.24)
0.054 (1.37)
24-Lead Wide-Body SOL
(R-24)
0.0125 (0.32)
0.0091 (0.23)
8
0
0.0291 (0.74)
0.0098 (0.25)
45
0.0500 (1.27)
0.0157 (0.40)
SEATING
PLANE
0.0118 (0.30)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.1043 (2.65)
0.0926 (2.35)
0.0500
(1.27)
BSC
24
13
12
1
0.4193 (10.65)
0.3937 (10.00)
0.2992 (7.60)
0.2914 (7.40)
PIN 1
0.6141 (15.60)
0.5985 (15.20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com