Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8426 Datasheet(PDF) 11 Page - Analog Devices

Part # DAC8426
Description  Quad 8-Bit Voltage Out CMOS DAC Complete with Internal 10 V Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8426 Datasheet(HTML) 11 Page - Analog Devices

Back Button DAC8426 Datasheet HTML 4Page - Analog Devices DAC8426 Datasheet HTML 5Page - Analog Devices DAC8426 Datasheet HTML 6Page - Analog Devices DAC8426 Datasheet HTML 7Page - Analog Devices DAC8426 Datasheet HTML 8Page - Analog Devices DAC8426 Datasheet HTML 9Page - Analog Devices DAC8426 Datasheet HTML 10Page - Analog Devices DAC8426 Datasheet HTML 11Page - Analog Devices DAC8426 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DAC8426
–11–
REV. C
MICROPROCESSOR INTERFACING
The DAC8426 easily interfaces to most 8- and 16-bit wide data-
bus systems. Serial and 4-bit busses can also be accommodated
with additional latches and control circuitry. Interfacing can be
accomplished with databus transfers running with 50 ns write
pulse widths.
Examples of various microprocessor interface circuits are pro-
vided in Figures 8 through 12. These figures have omitted cir-
cuitry not essential to the bus interface. The design process
should include review of the DAC8426 timing diagram with the
µP system timing diagram.
Figure 8. DAC8426 to 8085A Interface (Simplified circuit,
only lines of interest are shown.)
Figure 9. DAC8426 to Z-80 Interface (Simplified circuit,
only lines of interest are shown.)
Figure 10. DAC8426 to 6809 Interface (Simplified circuit,
only lines of interest are shown.)
Figure 11. DAC8426 to 6502 Interface (Simplified circuit,
only lines of interest are shown.)
Figure 12. DAC8426 to 68000 Interface (Simplified circuit,
only lines of interest are shown.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com