Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8426 Datasheet (PDF) - Analog Devices

DAC8426 Datasheet PDF - Analog Devices
Part # DAC8426
Download  DAC8426 Download
File Size   289.5 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 8-Bit Voltage Out CMOS DAC Complete with Internal 10 V Reference

DAC8426 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8426 Datasheet PDF - Analog Devices

Part # DAC8426
Download  DAC8426 Click to download

File Size   289.5 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 8-Bit Voltage Out CMOS DAC Complete with Internal 10 V Reference

DAC8426 Datasheet (HTML) - Analog Devices


DAC8426 Product details

GENERAL DESCRIPTION
The DAC8426 is a complete quad voltage output D/A converter with internal reference. This product fits directly into any existing 7226 socket where the user currently has a 10 V external reference. The external reference is no longer necessary. The internal reference of the DAC8426 is laser-trimmed to ±0.4% offering a 25 ppm/°C temperature coefficient and 5 mA of external load driving capability.
   
FEATURES
    No Adjustments Required, Total Error 61 LSB Max
        Over Temperature
    Four Voltage-Output DACs on a Single Chip
    Internal 10 V Bandgap Reference
    Operates from Single 115 V Supply
    Fast 50 ns Data Load Time, All Temperatures
    Pin-for-Pin Replacement for PM-7226 and AD7226,
        Eliminates External Reference
   
APPLICATIONS
    Process Controls
    Multichannel Microprocessor Controlled:
        System Calibration
        Op Amp Offset and Gain Adjust
        Level and Threshold Setting
   




Similar Part No. - DAC8426

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8426 AD-DAC8426_15 Datasheet
276Kb / 12P
Quad 8-Bit Voltage Out CMOS DAC Complete with Internal 10 V Reference
REV. C
More results


Similar Description - DAC8426

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2626 WOLFSON-WM2626 Datasheet
109Kb / 11P
Low Power Dual 8-bit Serial Input DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
12-bit Serial Input Voltage Output DAC with Internal Reference
WM2637 WOLFSON-WM2637 Datasheet
262Kb / 11P
Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
12-Bit Parallel Input Voltage Output DAC with Internal Reference
logo
Analog Devices
AD7225 AD-AD7225 Datasheet
339Kb / 12P
LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV.B
AD7225LNZ AD-AD7225LNZ Datasheet
400Kb / 24P
LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
DAC8426 AD-DAC8426_15 Datasheet
276Kb / 12P
Quad 8-Bit Voltage Out CMOS DAC Complete with Internal 10 V Reference
REV. C
logo
Texas Instruments
DAC80504 TI1-DAC80504 Datasheet
85Kb / 4P
Quad, 16-Bit, SPI Voltage Output DAC With Internal Reference
DAC81404 TI-DAC81404 Datasheet
3Mb / 45P
DAC81404 Quad, 16-Bit, High-Voltage-Output DAC With Internal Reference
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com