Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8426 Datasheet(PDF) 4 Page - Analog Devices

Part # DAC8426
Description  Quad 8-Bit Voltage Out CMOS DAC Complete with Internal 10 V Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8426 Datasheet(HTML) 4 Page - Analog Devices

  DAC8426 Datasheet HTML 1Page - Analog Devices DAC8426 Datasheet HTML 2Page - Analog Devices DAC8426 Datasheet HTML 3Page - Analog Devices DAC8426 Datasheet HTML 4Page - Analog Devices DAC8426 Datasheet HTML 5Page - Analog Devices DAC8426 Datasheet HTML 6Page - Analog Devices DAC8426 Datasheet HTML 7Page - Analog Devices DAC8426 Datasheet HTML 8Page - Analog Devices DAC8426 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DAC8426
–4–
REV. C
DICE CHARACTERISTICS
DIE SIZE 0.129
× 0.152 inch, 19,608 sq. mils
(3.28
× 3.86 mm, 12.65 sq. mm)
1. VOUT B
11. DB3
2. VOUT A
12. DB2
3. VSS
13. DB1
4. VREF OUT
14. DB0 (LSB)
5. AGND
15.
WR
6. DGND
16. A1
7. DB7 (MSB)
17. A0
8. DB6
18. VDD
9. DB5
19. VOUT D
10. DB4
20. VOUT C
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the DAC8426 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
DAC8426GBC
Parameter
Symbol
Conditions
Limits
Units
Total Unadjusted Error
TUE
±2
LSB max
Relative Accuracy
INL
±1
LSB max
Differential Nonlinearity
DNL
±1
LSB max
Full-Scale Error
GFSE
±1
LSB max
Zero Code Error
VZSE
±20
mV max
DAC Output Current
IOUTSOURCE
Digital In = All Ones
10
mA min
Reference Output Voltage
VREFOUT
No Load
10.04
V max
Load Regulation
LDREG
∆I
L = 5 mA
0.1
%/mA max
Line Regulation
LNREG
∆V
DD =
±10 V
0.04
%/V max
Reference Output Current
IREFOUT
∆V
REFOUT < 40 mV
5
mA min
Logic Inputs High
VINH
2.4
V min
Logic Inputs Low
VINL
0.8
V max
Logic Input Current
IIN
VIN = 0 V or VDD
±1
µA max
Positive Supply Current
IDD
VIN = VINL or VINH
14
mA max
Negative Supply Current
ISS
VIN = VINL or VINH’ VSS = –5 V
10
mA max
NOTE
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.
WAFER TEST LIMITS at V
DD = +15 V
5%; VSS = AGND = DGND = 0 V; unless otherwise specified. TA = +25 C. All specifications
apply for DACs A, B, C, and D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com