Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3565TLE/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3565TLE/NOPB
Description  4MHz, High-Current Flash LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3565TLE/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM3565TLE/NOPB Datasheet HTML 1Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 2Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 3Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 4Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 5Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 6Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 7Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 8Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
LM3565
www.ti.com
SNVS957 – JANUARY 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/ Distributors for availability
and specifications.
VALUE
UNIT
MIN
MAX
VIN
–0.3
+6
V
TORCH, TX-MASK, STROBE, ENABLE, SDA, SCL
–0.3
(VIN +0.3V)
V
+6.0
VOUT1, VOUT2, LEDOUT1, LEDOUT2, SW1, SW2
+10
V
Continuous power dissipation(3)
Internally Limited
TJ-MAX
Junction temperature
+150
°C
Storage temperature range
–55
+150
°C
Maximum lead temperature (soldering)(4)
ESD rating, Human Body Model
+2.5
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability..
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150°C (typ.) and
disengages at TJ = 115°C (typ). Thermal shutdown is specified by design.
(4)
For detailed soldering specifications and information, refer to Texas Instruments Application Note: AN-1112: DSBGA Wafer Level Chip
Scale Package for Recommended Soldering Profiles.
RECOMMENDED OPERATING CONDITIONS
(1) (2)
MIN
NOM
MAX
UNIT
Input voltage range
+2.5
+5.5
V
Output voltage range
+5.5
+8.5
V
TJ
Junction temperature range
–30
+125
°C
TA
Ambient temperature range(3)
–30
+85
°C
THERMAL PROPERTIES
θJA
Thermal resistance junction-to-ambient(4)
+62.2
°C/W
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
+125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
(4)
Junction-to-ambient thermal resistance (
θJA) is taken from a thermal modeling result, performed under the conditions and guidelines set
forth in the JEDEC standard JESD51-7. The test board is a 4-layer FR-4 board measuring 102 mm x 76 mm x 1.6 mm with a 2x1 array
of thermal vias. The ground plane on the board is 50 mm x 50 mm. Thickness of copper layers are 36 µm/18 µm/18 µm/3 µm (1.5 oz/1
oz/1 oz/1.5 oz). Ambient temperature in simulation is 22°C, still air. Power dissipation is 1.2W.
Copyright © 2013, Texas Instruments Incorporated
3
Product Folder Links: LM3565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com