Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3565TLE/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3565TLE/NOPB
Description  4MHz, High-Current Flash LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3565TLE/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3565TLE/NOPB Datasheet HTML 8Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 9Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 10Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 11Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 12Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 13Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 14Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 15Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
5V/DIV
1 ms/DIV
VOUT
5V/DIV
10 mA/
DIV
VLED
IIN
ILED
500 mA/
DIV
1V/DIV
1 ms/DIV
VOUT
1V/DIV
10 mA/
DIV
VLED
IIN
ILED
500 mA/
DIV
VSTROBE
2V/DIV
200 mA/
DIV
ILED
20 ms/DIV
VTORCH
50 mA/
DIV
ILED
10 ms/DIV
2V/DIV
20 ms/DIV
VSTROBE
2V/DIV
200 mA/
DIV
ILED
VSTROBE
2V/DIV
200 mA/
DIV
ILED
40 ms/DIV
LM3565
SNVS957 – JANUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6V; CIN1= 10 µF, CIN2= 0.1 µF, COUT1 = 10 µF, COUT2 = 10 µF, L = 1 µH.
Figure 37. Edge-Sensitive Strobe
Figure 38. Level-Sensitive Strobe with Timeout
Figure 39. Level-Sensitive Strobe without Timeout
Figure 40. Torch Deglitching Time
Figure 41. Over-Voltage Protection Fault (OVP)
Figure 42. VOUT Short to GND Fault
12
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com