Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3565TLE/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3565TLE/NOPB
Description  4MHz, High-Current Flash LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3565TLE/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3565TLE/NOPB Datasheet HTML 3Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 4Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 5Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 6Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 7Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 8Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 9Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 10Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
65
70
75
80
85
VIN(V)
+25°C
-30°C
+85°C
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
VIN(V)
VOUT= 8.5V @ 930mA
CL = 2.3A
CL = 2.6A
CL = 2.9A
CL = 3.3A
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
0.080
0.082
0.084
0.086
0.088
0.090
0.092
0.094
0.096
0.098
0.100
VIN(V)
+25°C
-30°C
+85°C
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
65
70
75
80
85
VIN(V)
+25°C
-30°C
+85°C
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
0.050
0.052
0.054
0.056
0.058
0.060
0.062
0.064
0.066
0.068
0.070
VIN(V)
+25°C
-30°C
+85°C
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
VIN(V)
+25°C
-30°C
+85°C
LM3565
www.ti.com
SNVS957 – JANUARY 2013
TYPICAL CHARACTERISTICS (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6V; CIN1= 10 µF, CIN2= 0.1 µF, COUT1 = 10 µF, COUT2 = 10 µF, L = 1 µH.
Figure 7. Input Current vs Input Voltage at 930mA
Figure 8. 60mA Torch LED Current vs Input Voltage
Figure 9. 90mA Torch LED Current vs Input Voltage
Figure 10. LED Efficiency vs Input Voltage at 60mA
Figure 11. LED Efficiency vs Input Voltage at 90mA
Figure 12. Inductor Current Limit vs Input Voltage
Copyright © 2013, Texas Instruments Incorporated
7
Product Folder Links: LM3565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com