Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8556 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 35Page - Texas Instruments LP8556 Datasheet HTML 36Page - Texas Instruments LP8556 Datasheet HTML 37Page - Texas Instruments LP8556 Datasheet HTML 38Page - Texas Instruments LP8556 Datasheet HTML 39Page - Texas Instruments LP8556 Datasheet HTML 40Page - Texas Instruments LP8556 Datasheet HTML 41Page - Texas Instruments LP8556 Datasheet HTML 42Page - Texas Instruments LP8556 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
LP8556
www.ti.com
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
CFG2
Address A2h
CFG2 register
7
6
5
4
3
2
1
0
RESERVED
UVLO_EN
UVLO_TH
BL_ON
ISET_EN
BOOST_
PWM_
_FSET_EN
_FSET_EN
Name
Bit
Access
Description
RESERVED
7:6
R/W
UVLO_EN
5
R/W
Undervoltage lockout protection enable.
UVLO_TH
4
R/W
UVLO threshold levels:
0 = 2.5V
1 = 5.2V
BL_ON
3
R/W
Enable backlight. This bit must be set for PWM only control.
0 = Backlight disabled. This selection is recommended for systems with an I2C
master. With an I2C master, the backlight can be controlled by writing to the
register 01h.
1 = Backlight enabled. This selection is recommended for systems with PWM
only control.
ISET_EN
2
R/W
Enable LED current set resistor.
0 = Resistor is disabled and current is set with CURRENT and CURRENT_MAX
EPROM register bits.
1 = Resistor is enabled and current is set with the RISET resistor AND
CURRENT AND CURRENT_MAX EPROM register bits.
BOOST_FSET_EN
1
R/W
Enable configuration of the switching frequency via FSET pin.
0 = Configuration of the switching frequency via FSET pin is is disabled. The
switching frequency is set with BOOST_FREQ EPROM register bits.
1 = Configuration of the switching frequency via FSET pin is is enabled.
PWM_FSET_EN
0
R/W
Enable configuration of the PWM dimming frequency via FSET pin.
0 = Configuration of the switching frequency via FSET pin is is disabled. The
switching frequency is set with PWM_FREQ EPROM register bits.
1 = Configuration of the PWM dimming frequency via FSET pin is is enabled.
CFG3
Address A3h
CFG3 register
7
6
5
4
3
2
1
0
RESERVED
SLOPE[2:0]
FILTER[1:0]
PWM_INPUT_HYSTERESIS[1:0]
Name
Bit
Access
Description
RESERVED
7
R/W
SLOPE
6:4
R/W
Select brightness change transition duration
000 = 0 ms (immediate change)
001 = 1 ms
010 = 2 ms
011 = 50 ms
100 = 100 ms
101 = 200 ms
110 = 300 ms
111 = 500 ms
FILTER
3:2
R/W
Select brightness change transition filtering strength
00 = No filtering.
01 = light smoothing
10 = medium smoothing
11 = heavy smoothing
PWM_INPUT_
1:0
R/W
PWM input hysteresis function.
_HYSTERESIS
00 = OFF
01 = 1-bit hysteresis with 13-bit resolution
10 = 1-bit hysteresis with 12-bit resolution
11 = 1-bit hysteresis with 8-bit resolution
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com