Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8556 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 17Page - Texas Instruments LP8556 Datasheet HTML 18Page - Texas Instruments LP8556 Datasheet HTML 19Page - Texas Instruments LP8556 Datasheet HTML 20Page - Texas Instruments LP8556 Datasheet HTML 21Page - Texas Instruments LP8556 Datasheet HTML 22Page - Texas Instruments LP8556 Datasheet HTML 23Page - Texas Instruments LP8556 Datasheet HTML 24Page - Texas Instruments LP8556 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
LP8556
www.ti.com
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
SETTING FULL SCALE LED CURRENT
The maximum or full scale LED current is set either using an external set Resistor ( RISET) and CURRENT and
CURRENT_MAX EPROM bits or just using the CURRENT and CURRENT_MAX EPROM bits. Table 3
summarizes setting of the full scale LED current.
Table 3. Setting Full Scale LED Current
RISET [Ω]
ISET_EN
CURRENT_MAX
CURRENT[11:0]
Full Scale ILED [mA]
don't care
0
000
FFFh
5
don't care
0
001
FFFh
10
don't care
0
010
FFFh
15
don't care
0
011
FFFh
20
don't care
0
100
FFFh
23
don't care
0
101
FFFh
25
don't care
0
110
FFFh
30
don't care
0
111
FFFh
50
don't care
0
000 - 111
001h - FFFh
(1)
24k
1
000
FFFh
5
24k
1
001
FFFh
10
24k
1
010
FFFh
15
24k
1
011
FFFh
20
24k
1
100
FFFh
23
24k
1
101
FFFh
25
24k
1
110
FFFh
30
24k
1
111
FFFh
50
12k - 100k
1
000 - 111
001h - FFFh
(1)
(1)
See CFG0
SETTING PWM DIMMING FREQUENCY
LP8556 PWM dimming frequency can be set either by an external resistor, RFSET, or by pre-configuring EPROM
Memory (CFG5 register, PWM_FREQ[3:0] bits). Table 4 summarizes setting of the PWM dimming frequency.
Note that the RFSET is shared for setting the boost switching frequency, too. Setting the boost switching
frequency and PWM dimming frequency using an external resistor is shown in Table 5.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com