Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8556 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 5Page - Texas Instruments LP8556 Datasheet HTML 6Page - Texas Instruments LP8556 Datasheet HTML 7Page - Texas Instruments LP8556 Datasheet HTML 8Page - Texas Instruments LP8556 Datasheet HTML 9Page - Texas Instruments LP8556 Datasheet HTML 10Page - Texas Instruments LP8556 Datasheet HTML 11Page - Texas Instruments LP8556 Datasheet HTML 12Page - Texas Instruments LP8556 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
LP8556
www.ti.com
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
PWM Interface Characteristics
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
fPWM
PWM Frequency Range(2)
75
25000
Hz
tMIN_ON
Minimum Pulse ON time
1
μs
tMIN_OFF
Minimum Pulse OFF time
1
Turn on delay from standby to
PWM input active, VDDIO pin transitions
tSTARTUP
10
ms
backlight on
from 0V to 1.8V.
tSTBY
Turn off delay
PWM input low time for turn off
50
ms
PWMRES
PWM Input Resolution
fIN < 9.0 kHz
8
bits
(1)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the
most likely norm.
(2)
Guaranteed by design and not tested in production.
Logic Interface Characteristics
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Logic Inputs (PWM, SDA, SCL)
0.3 X
VIL
Input Low Level
V
VDDIO
0.7 X
VIH
Input High Level
V
VDDIO
(VDDIO = 0V or 3.6V) AND
-1.0
1.0
II
Input Current
μA
(VI = 0V or 3.6V)
Logic Outputs (SDA)
VOL
Output Low Level
IOUT = 3 mA (pull-up current)
0.3
0.4
V
IL
Output Leakage Current
VOUT = 5V
-1.0
1.0
μA
(1)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the
most likely norm.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com