Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT02FH Datasheet(PDF) 1 Page - Analog Devices

Part # MAT02FH
Description  Low Noise, Matched Dual Monolithic Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT02FH Datasheet(HTML) 1 Page - Analog Devices

  MAT02FH Datasheet HTML 1Page - Analog Devices MAT02FH Datasheet HTML 2Page - Analog Devices MAT02FH Datasheet HTML 3Page - Analog Devices MAT02FH Datasheet HTML 4Page - Analog Devices MAT02FH Datasheet HTML 5Page - Analog Devices MAT02FH Datasheet HTML 6Page - Analog Devices MAT02FH Datasheet HTML 7Page - Analog Devices MAT02FH Datasheet HTML 8Page - Analog Devices MAT02FH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Low Noise, Matched
Dual Monolithic Transistor
MAT02
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Low Offset Voltage: 50
V max
Low Noise Voltage at 100 Hz, 1 mA: 1.0 nV/
√Hz max
High Gain (hFE): 500 min at IC = 1 mA
300 min at IC = 1
A
Excellent Log Conformance: rBE
0.3
Low Offset Voltage Drift: 0.1
V/ C max
Improved Direct Replacement for LM194/394
Available in Die Form
ORDERING GUIDE
1
VOS max
Temperature
Package
Model
(TA = +25 C)
Range
Option
MAT02AH
2
50
µV
–55
°C to +125°C TO-78
MAT02EH
50
µV
–55
°C to +125°C TO-78
MAT02FH
150
µV
–55
°C to +125°C TO-78
NOTES
1Burn-in is available on commercial and industrial temperature range parts in
TO-can packages.
2For devices processed in total compliance to MIL-STD-883, add /883 after part
number. Consult factory for 883 data sheet.
ABSOLUTE MAXIMUM RATINGS
1
Collector-Base Voltage (BVCBO) . . . . . . . . . . . . . . . . . . . . 40 V
Collector-Emitter Voltage (BVCEO) . . . . . . . . . . . . . . . . . . 40 V
Collector-Collector Voltage (BVCC) . . . . . . . . . . . . . . . . . . 40 V
Emitter-Emitter Voltage (BVEE) . . . . . . . . . . . . . . . . . . . . . 40 V
Collector Current (IC) . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Emitter Current (IE) . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Total Power Dissipation
Case Temperature
≤ 40°C2 . . . . . . . . . . . . . . . . . . . . .1.8 W
Ambient Temperature
≤ 70°C3 . . . . . . . . . . . . . . . .500 mW
Operating Temperature Range
MAT02A . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
MAT02E, F . . . . . . . . . . . . . . . . . . . . . . . . . –25
°C to +85°C
Operating Junction Temperature . . . . . . . . . . –55
°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . . +300
°C
Junction Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
NOTES
1Absolute maximum ratings apply to both DICE and packaged devices.
2Rating applies to applications using heat sinking to control case temperature.
Derate linearly at 16.4 mW/
°C for case temperature above 40°C.
3Rating applies to applications not using a heat sinking; devices in free air only.
Derate linearly at 6.3 mW/
°C for ambient temperature above 70°C.
NOTE
Substrate is connected to case on TO-78 package. Sub-
strate is normally connected to the most negative circuit
potential, but can be floated.
PIN CONNECTION
TO-78
(H Suffix)
PRODUCT DESCRIPTION
The design of the MAT02 series of NPN dual monolithic tran-
sistors is optimized for very low noise, low drift, and low rBE.
Precision Monolithics’ exclusive Silicon Nitride “Triple-
Passivation” process stabilizes the critical device parameters
over wide ranges of temperature and elapsed time. Also, the high
current gain (hFE) of the MAT02 is maintained over a wide
range of collector current. Exceptional characteristics of the
MAT02 include offset voltage of 50
µV max (A/E grades) and
150
µV max F grade. Device performance is specified over the
full military temperature range as well as at 25
°C.
Input protection diodes are provided across the emitter-base
junctions to prevent degradation of the device characteristics
due to reverse-biased emitter current. The substrate is clamped
to the most negative emitter by the parasitic isolation junction
created by the protection diodes. This results in complete isola-
tion between the transistors.
The MAT02 should be used in any application where low noise
is a priority. The MAT02 can be used as an input stage to make
an amplifier with noise voltage of less than 1.0 nV/
√Hz at 100 Hz.
Other applications, such as log/antilog circuits, may use the ex-
cellent logging conformity of the MAT02. Typical bulk resis-
tance is only 0.3
Ω to 0.4 Ω. The MAT02 electrical charac-
teristics approach those of an ideal transistor when operated over
a collector current range of 1
µA to 10 mA. For applications re-
quiring multiple devices see MAT04 Quad Matched Transistor
data sheet.


Similar Part No. - MAT02FH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT02 AD-MAT02 Datasheet
274Kb / 6P
Low-noise, matched dual monolithic transistor
29-Nov-2017
MAT02S_DIE AD-MAT02S_DIE Datasheet
621Kb / 6P
This specification documents the detailed requirements
Rev. H
MAT02 AD-MAT02_15 Datasheet
775Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV. E
MAT02 AD-MAT02_17 Datasheet
274Kb / 6P
Low-noise, matched dual monolithic transistor
29-Nov-2017
More results

Similar Description - MAT02FH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT01 AD-MAT01 Datasheet
119Kb / 8P
Matched Monolithic Dual Transistor
REV.A
MAT03 AD-MAT03 Datasheet
254Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV.B
logo
List of Unclassifed Man...
THAT300 ETC1-THAT300 Datasheet
91Kb / 5P
Low-Noise Matched Transistor Array ICs
logo
Analog Devices
MAT12 AD-MAT12 Datasheet
104Kb / 4P
Low Noise, Matched Dual Monolithic Transistor
Rev. PrA
MAT01GHZ AD-MAT01GHZ Datasheet
261Kb / 12P
Matched Monolithic Dual Transistor
Rev. C
MAT01 AD-MAT01_15 Datasheet
235Kb / 12P
Matched Monolithic Dual Transistor
Rev. D
MAT02 AD-MAT02_15 Datasheet
775Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV. E
MAT03 AD-MAT03_15 Datasheet
577Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV. C
MAT02 AD-MAT02_17 Datasheet
274Kb / 6P
Low-noise, matched dual monolithic transistor
29-Nov-2017
MAT03 AD-MAT03_17 Datasheet
565Kb / 5P
Low Noise, Matched Dual PNP Transistor
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com