Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBF0201 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MMBF0201
Description  N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBF0201 Datasheet(HTML) 4 Page - Motorola, Inc

  MMBF0201 Datasheet HTML 1Page - Motorola, Inc MMBF0201 Datasheet HTML 2Page - Motorola, Inc MMBF0201 Datasheet HTML 3Page - Motorola, Inc MMBF0201 Datasheet HTML 4Page - Motorola, Inc MMBF0201 Datasheet HTML 5Page - Motorola, Inc MMBF0201 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MMBF0201N
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
–50
–25
0
25
50
150
0.6
1.4
1.6
1.8
TJ, JUNCTION TEMPERATURE (°C)
Figure 7. On–Resistance versus
Junction Temperature
0
5
10
15
20
0
60
80
100
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 8. Capacitance
0
0.3
0.6
1.4
0.001
0.1
1.0
10
SOURCE–TO–DRAIN FORWARD VOLTAGE (VOLTS)
Figure 9. Source–to–Drain Forward Voltage
versus Continuous Current (IS)
75
1.2
40
0.01
0.9
1.2
1.0
20
0.8
100
125
VGS = 10 V @ 300 mA
VGS = 4.5 V @ 100 mA
Ciss
Coss
Crss
125
°C
25
°C
– 55
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com