Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBF0201 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMBF0201
Description  N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBF0201 Datasheet(HTML) 1 Page - Motorola, Inc

  MMBF0201 Datasheet HTML 1Page - Motorola, Inc MMBF0201 Datasheet HTML 2Page - Motorola, Inc MMBF0201 Datasheet HTML 3Page - Motorola, Inc MMBF0201 Datasheet HTML 4Page - Motorola, Inc MMBF0201 Datasheet HTML 5Page - Motorola, Inc MMBF0201 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Low rDS(on) Small-Signal MOSFETs
TMOS Single N-Channel
Field Effect Transistors
These miniature surface mount MOSFETs utilize Motorola’s High
Cell Density, HDTMOS process. Low rDS(on) assures minimal
power loss and conserves energy, making this device ideal for use
in small power management circuitry. Typical applications are
dc–dc converters, power management in portable and battery–
powered products such as computers, printers, PCMCIA cards,
cellular and cordless telephones.
• Low rDS(on) Provides Higher Efficiency and Extends Battery Life
• Miniature SOT–23 Surface Mount Package Saves Board Space
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
20
Vdc
Gate–to–Source Voltage — Continuous
VGS
± 20
Vdc
Drain Current — Continuous @ TA = 25°C
Drain Current — Continuous @ TA = 70°C
Drain Current — Pulsed Drain Current (tp ≤ 10 µs)
ID
ID
IDM
300
240
750
mAdc
Total Power Dissipation @ TA = 25°C(1)
PD
225
mW
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Thermal Resistance — Junction–to–Ambient
R
θJA
625
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
DEVICE MARKING
N1
(1) Mounted on G10/FR4 glass epoxy board using minimum recommended footprint.
ORDERING INFORMATION
Device
Reel Size
Tape Width
Quantity
MMBF0201NLT1
7
″
12 mm embossed tape
3000
MMBF0201NLT3
13
″
12 mm embossed tape
10,000
HDTMOS is a trademark of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a registered trademark of the Berquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MMBF0201N/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
CASE 318–07, Style 21
SOT–23 (TO–236AB)
MMBF0201N
N–CHANNEL
ENHANCEMENT–MODE
TMOS MOSFET
rDS(on) = 1.0 OHM
Motorola Preferred Device
™
1
2
3
3 DRAIN
1
GATE
2 SOURCE
© Motorola, Inc. 1995


Similar Part No. - MMBF0201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBF0201NL ONSEMI-MMBF0201NL Datasheet
170Kb / 5P
Power MOSFET
October, 2016 ??Rev. 6
MMBF0201NLT1 ONSEMI-MMBF0201NLT1 Datasheet
86Kb / 8P
Power MOSFET 300 mAmps, 20 Volts
November, 2000 ??Rev. 2
MMBF0201NLT1 ONSEMI-MMBF0201NLT1 Datasheet
62Kb / 5P
Power MOSFET 300 mAmps, 20 Volts N?묬hannel SOT??3
January, 2006 ??Rev. 3
MMBF0201NLT1G ONSEMI-MMBF0201NLT1G Datasheet
62Kb / 5P
Power MOSFET 300 mAmps, 20 Volts N?묬hannel SOT??3
January, 2006 ??Rev. 3
MMBF0201NLT1G ONSEMI-MMBF0201NLT1G Datasheet
170Kb / 5P
Power MOSFET
October, 2016 ??Rev. 6
More results

Similar Description - MMBF0201

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGSF1N02ELT1 MOTOROLA-MGSF1N02ELT1 Datasheet
116Kb / 5P
N-CHANNEL LOGIC LEVEL ENHANCEMENT-MODE TMOS MOSFET
MGSF1N02LT1 MOTOROLA-MGSF1N02LT1 Datasheet
187Kb / 6P
N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF1N03LT1 MOTOROLA-MGSF1N03LT1 Datasheet
183Kb / 6P
N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF3442VT1 MOTOROLA-MGSF3442VT1 Datasheet
142Kb / 6P
N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF3442XT1 MOTOROLA-MGSF3442XT1 Datasheet
86Kb / 4P
N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF3454VT1 MOTOROLA-MGSF3454VT1 Datasheet
125Kb / 6P
N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF3454XT1 MOTOROLA-MGSF3454XT1 Datasheet
138Kb / 6P
N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MMBF0202PLT1 MOTOROLA-MMBF0202PLT1 Datasheet
190Kb / 6P
P-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MMBF2201NT1 MOTOROLA-MMBF2201NT1 Datasheet
142Kb / 6P
N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MMBF2202PT1 MOTOROLA-MMBF2202PT1 Datasheet
179Kb / 6P
P-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com