Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBF0201 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MMBF0201
Description  N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBF0201 Datasheet(HTML) 3 Page - Motorola, Inc

  MMBF0201 Datasheet HTML 1Page - Motorola, Inc MMBF0201 Datasheet HTML 2Page - Motorola, Inc MMBF0201 Datasheet HTML 3Page - Motorola, Inc MMBF0201 Datasheet HTML 4Page - Motorola, Inc MMBF0201 Datasheet HTML 5Page - Motorola, Inc MMBF0201 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBF0201N
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
0
1
2
3
4
6
0
0.6
0.8
1.0
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. Transfer Characteristics
0
0.3
0.6
0.9
1.2
1.4
0
0.6
0.8
1.0
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. On–Region Characteristics
0
0.2
0.4
1
0
0.3
0.9
1.2
1.5
0
5
10
20
0
1.0
1.5
2.0
2.4
ID, DRAIN CURRENT (AMPS)
Figure 3. On–Resistance versus Drain Current
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 4. On–Resistance versus
Gate–to–Source Voltage
0
10
12
14
16
–25
25
100
150
0.60
1.10
Qg, TOTAL GATE CHARGE (pC)
Figure 5. Gate Charge
TEMPERATURE (
°C)
Figure 6. Threshold Voltage Variance
Over Temperature
5
0.4
0.4
0.6
0.6
0.8
15
0
160
450
2000
0.2
125
°C
25
°C
– 55
°C
0.2
VGS = 5 V
VGS = 4 V
VGS = 3 V
VGS = 4.5 V
VGS = 10 V
0.5
2
4
6
8
3400
VDS = 16 V
ID = 300 mA
ID = 250 µA
1.05
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0
50
75
125
VGS = 10, 9, 8, 7, 6 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com