Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP282 Datasheet(PDF) 5 Page - Analog Devices

Part # OP282
Description  Dual/Quad Low Power, High Speed JFET Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP282 Datasheet(HTML) 5 Page - Analog Devices

  OP282 Datasheet HTML 1Page - Analog Devices OP282 Datasheet HTML 2Page - Analog Devices OP282 Datasheet HTML 3Page - Analog Devices OP282 Datasheet HTML 4Page - Analog Devices OP282 Datasheet HTML 5Page - Analog Devices OP282 Datasheet HTML 6Page - Analog Devices OP282 Datasheet HTML 7Page - Analog Devices OP282 Datasheet HTML 8Page - Analog Devices OP282 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
OP282/OP482
REV. B
–5–
The circuit shown in Figure 3 can be used to accurately
program the “Q,” the cutoff frequency fC, and the gain of a two
pole state-variable filter. OP482s have been used in this design
because of their high bandwidths, low power and low noise.
This circuit takes only three packages to build because of the
quad configuration of the op amps and DACs.
The DACs shown are all used in the voltage mode so all values
are dependent only on the accuracy of the DAC and not on the
absolute values of the DAC’s resistive ladders. This make this
circuit unusually accurate for a programmable filter.
Adjusting DAC 1 changes the signal amplitude across R1;
therefore, the DAC attenuation times R1 determines the
amount of signal current that charges the integrating capacitor,
C1. This cutoff frequency can now be expressed as:
fc
=
1
2
πR
1C1
D
1
256


where D1 is the digital code for the DAC.
Gain of this circuit is set by adjusting D3. The gain equation is:
Gain
=
R
4
R
5
D
3
256


DAC 2 is used to set the “Q” of the circuit. Adjusting this DAC
controls the amount of feedback from the bandpass node to the
input summing node. Note that the digital value of the DAC is
in the numerator, therefore zero code is not a valid operating point.
Q
=
R
2
R
3
256
D
2


R5
2k
1/4
OP482
-
+
LOW
PASS
R6
2k
R7
2k
BANDPASS
R1
2k
1/4
OP482
-
+
VIN
1/4
DAC8408
R4
2k
1/4
DAC8408
1/4
OP482
-
+
1/4
OP482
-
+
HIGH PASS
1/4
DAC8408
-
+
1/4
OP482
R1
2k
1/4
DAC8408
1/4
OP482
-
+
1/4
OP482
-
+
R2
1k
R3
2k
1/4
OP482
-
+
C1
1000pF
C1
1000pF
Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com