Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP282 Datasheet(PDF) 3 Page - Analog Devices

Part # OP282
Description  Dual/Quad Low Power, High Speed JFET Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP282 Datasheet(HTML) 3 Page - Analog Devices

  OP282 Datasheet HTML 1Page - Analog Devices OP282 Datasheet HTML 2Page - Analog Devices OP282 Datasheet HTML 3Page - Analog Devices OP282 Datasheet HTML 4Page - Analog Devices OP282 Datasheet HTML 5Page - Analog Devices OP282 Datasheet HTML 6Page - Analog Devices OP282 Datasheet HTML 7Page - Analog Devices OP282 Datasheet HTML 8Page - Analog Devices OP282 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
OP282/OP482
REV. B
–3–
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Input Voltage
1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Differential Input Voltage
1
. . . . . . . . . . . . . . . . . . . . . . . 36 V
Output Short-Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range
P, S Packages . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
OP282A, OP482A . . . . . . . . . . . . . . . . . . –55
°C to +125°C
OP282G, OP482G . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range
P, S Packages . . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . +300
°C
Package Type
JA
2
JC
Units
8-Pin Plastic DIP (P)
103
43
°C/W
8-Pin SOIC (S)
158
43
°C/W
14-Pin Plastic DIP (P)
83
39
°C/W
14-Pin SOIC (S)
120
36
°C/W
NOTES
1For supply voltages less than
± 18 V, the absolute maximum input voltage is
equal to the supply voltage.
2
θ
JA is specified for the worst case conditions, i.e., θJA is specified for device in
socket for cerdip, P-DIP;
θ
JA is specified for device soldered in circuit board for
SOIC package.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
OP282GP
–40
°C to +85°C 8-Pin Plastic DIP
N-8
OP282GS
–40
°C to +85°C 8-Pin SOIC
SO-8
OP482GP
–40
°C to +85°C 14-Pin Plastic DIP N-14
OP482GS
–40
°C to +85°C 14-Pin SOIC
SO-14
DICE CHARACTERISTICS
OP282 Die Size 0.063
0.060 Inch, 3,780 Sq. Mils
OP482 Die Size 0.070
0.098 Inch, 6,860 Sq. Mils



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com