Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP282 Datasheet(PDF) 2 Page - Analog Devices

Part # OP282
Description  Dual/Quad Low Power, High Speed JFET Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP282 Datasheet(HTML) 2 Page - Analog Devices

  OP282 Datasheet HTML 1Page - Analog Devices OP282 Datasheet HTML 2Page - Analog Devices OP282 Datasheet HTML 3Page - Analog Devices OP282 Datasheet HTML 4Page - Analog Devices OP282 Datasheet HTML 5Page - Analog Devices OP282 Datasheet HTML 6Page - Analog Devices OP282 Datasheet HTML 7Page - Analog Devices OP282 Datasheet HTML 8Page - Analog Devices OP282 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
OP282/OP482–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (@ V
S =
15.0 V, TA = +25 C unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
OP282
0.2
3
mV
OP282, –40
≤ T
A ≤ +85°C
4.5
mV
Offset Voltage
VOS
OP482
0.2
4
mV
OP482, –40
≤ T
A ≤ +85°C6
mV
Input Bias Current
IB
VCM = 0 V
3
100
pA
VCM = 0 V, Note 1
500
pA
Input Offset Current
IOS
VCM = 0 V
1
50
pA
VCM = 0 V, Note 1
250
pA
Input Voltage Range
–11
+15
V
Common-Mode Rejection
CMR
–11 V
≤ V
CM ≤ +15 V, –40 ≤ TA ≤ +85°C70
90
dB
Large Signal Voltage Gain
AVO
RL = 10 k
Ω
20
V/mV
RL = 10 kΩ, –40 ≤ TA ≤ +85°C
15
V/mV
Offset Voltage Drift
∆V
OS/
∆T10
µV/°C
Bias Current Drift
∆I
B/∆T
8
pA/
°C
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO
RL = 10 kΩ
–13.5
±13.9 13.5
V
Short Circuit Limit
ISC
Source
3
10
mA
Sink
–8
–12
mA
Open-Loop Output Impedance
ZOUT
f = 1 MHz
200
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ± 4.5 V to ± 18 V,
–40
≤ T
A ≤ +85°C
25
316
µV/V
Supply Current/Amplifier
ISY
VO = 0 V, 40 ≤ TA ≤ +85°C
210
250
µA
Supply Voltage Range
VS
±4.5
±18
V
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ
79
V/
µs
Full-Power Bandwidth
BWP
1% Distortion
125
kHz
Settling Time
tS
To 0.01%
1.6
µs
Gain Bandwidth Product
GBP
4
MHz
Phase Margin
ØO
55
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
1.3
µV p-p
Voltage Noise Density
en
f = 1 kHz
36
nV/
√Hz
Current Noise Density
in
0.01
pA/
√Hz
NOTE
1The input bias and offset currents are tested at T
A = TJ = +85°C. Bias and offset currents are guaranteed but not tested at –40 °C.
Specifications subject to change without notice.
WAFER TEST LIMITS (@ V
S =
15.0 V, TA = +25 C unless otherwise noted)
Parameter
Symbol
Conditions
Limit
Units
Offset Voltage
VOS
OP282
3
mV max
Offset Voltage
VOS
OP482
4
mV max
Input Bias Current
IB
VCM = 0 V
100
pA max
Input Offset Current
IOS
VCM = 0 V
50
pA max
Input Voltage Range
1
–11, +15
V min/max
Common-Mode Rejection
CMRR
–11 V
≤ V
CM ≤ +15 V
70
dB min
Power Supply Rejection Ratio
PSRR
V =
±4.5 V to ±18 V
316
µV/V
Large Signal Voltage Gain
AVO
RL = 10 kΩ
20
V/mV min
Output Voltage Range
VO
RL = 10 k
Ω±13.5
V min
Supply Current/Amplifier
ISY
VO = 0 V, RL = ∞
250
µA max
NOTES
Electrical tests and wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed for standard
product dice. Consult factory to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.
1Guaranteed by CMR test.
Specifications subject to change without notice.
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com