Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP290FZ Datasheet(PDF) 6 Page - Analog Devices

Part # OP290FZ
Description  Precision, Low Power, Micropower Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP290FZ Datasheet(HTML) 6 Page - Analog Devices

Back Button OP290FZ Datasheet HTML 2Page - Analog Devices OP290FZ Datasheet HTML 3Page - Analog Devices OP290FZ Datasheet HTML 4Page - Analog Devices OP290FZ Datasheet HTML 5Page - Analog Devices OP290FZ Datasheet HTML 6Page - Analog Devices OP290FZ Datasheet HTML 7Page - Analog Devices OP290FZ Datasheet HTML 8Page - Analog Devices OP290FZ Datasheet HTML 9Page - Analog Devices OP290FZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. A
OP290
–6–
TEMPERATURE – C
100
80
0
–75
60
40
20
125
100
75
50
–50
–25
0
25
VS = 15V
TPC 1. Input Offset Voltage vs.
Temperature
TEMPERATURE – C
32
4
–75
24
16
125
100
75
50
–50
–25
0
25
NO LOAD
40
36
28
20
12
8
VS = 15V
VS = 1.5V
44
TPC 4. Supply Current vs.
Temperature
FREQUENCY – Hz
60
40
–20
10
100
100k
1k
10k
20
0
TA = 25 C
Vs = 15V
TPC 7. Closed-Loop Gain vs.
Frequency
TEMPERATURE – C
0.14
0.12
0.06
–75
0.1
0.08
125
100
75
50
–50
–25
0
25
VS = 15V
TPC 2. Input Offset Current vs.
Temperature
TEMPERATURE – C
600
0
0
500
300
30
25
20
15
510
400
200
100
TA = 25 C
RL = 10k
TA = 85 C
TA = 125 C
TPC 5. Open-Loop Gain vs.
Single-Supply Voltage
LOAD RESISTANCE –
6
0
100k
3
100
1k
10k
5
4
2
1
TA = 25 C
V+ = 5V, V– = 0V
TPC 8. Ouput Voltage Swing vs.
Load Resistance
TEMPERATURE – C
4.5
4.2
3.5
–75
4.0
3.8
125
100
75
50
–50
–25
0
25
VS = 15V
4.4
4.3
4.1
3.9
3.7
3.6
TPC 3. Input Bias Current vs.
Temperature
FREQUENCY – Hz
140
0
0
120
80
30
25
20
15
510
100
60
40
TA = 25 C
Vs = 15V
RL = 100k
GAIN
20
TPC 6. Open-Loop Gain and Phase
Shift vs. Frequency
LOAD RESISTANCE –
16
0
100k
10
100
1k
10k
14
12
8
4
TA = 25 C
Vs = 15V
2
6
TPC 9. Output Voltage Swing
vs. Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com