Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP290FZ Datasheet(PDF) 4 Page - Analog Devices

Part # OP290FZ
Description  Precision, Low Power, Micropower Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP290FZ Datasheet(HTML) 4 Page - Analog Devices

  OP290FZ Datasheet HTML 1Page - Analog Devices OP290FZ Datasheet HTML 2Page - Analog Devices OP290FZ Datasheet HTML 3Page - Analog Devices OP290FZ Datasheet HTML 4Page - Analog Devices OP290FZ Datasheet HTML 5Page - Analog Devices OP290FZ Datasheet HTML 6Page - Analog Devices OP290FZ Datasheet HTML 7Page - Analog Devices OP290FZ Datasheet HTML 8Page - Analog Devices OP290FZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. A
OP290
–4–
(@ VS =
1.5 V to
15 V, –40
C
≤ TA ≤ 85 C for OP290E/OP290F/OP290G, unless
otherwise noted.)
ELECTRICAL CHARACTERISTICS
OP290E
OP290F
OP290G
Parameter
Symbol Conditions
Min
Typ Max
Min
Typ Max
Min
Typ Max Unit
INPUT OFFSET VOLTAGE
VOS
70
400
115
600
200
750
µV
AVERAGE INPUT OFFSET
VOLTAGE DRIFT
TCVOS
VS =
±15 V
0.3
3
0.6
5
1.2
µV/°C
INPUT OFFSET CURRENT
IOS
VCM = 0 V
01
3
0.1
5
0.1
7
nA
INPUT BIAS CURRENT
IB
VCM = 0 V
4.2
t5
4.2
20
4.2
25
nA
LARGE-SIGNAL
AVO
VS =
±5 V, V
O =
±0 V
V/mV
VOLTAGE GAIN
RL = 100 k
Ω
500
800
350
700
300
600
RL = 10 k
Ω
250
400
175
350
150
250
RL = 2 k
Ω
100
200
75
150
75
125
V+ = 5 V, V– = 0 V,
1 V < VO < 4 V
RL = 100 k
Ω
150
280
100
220
80
160
RL = 10 k
Ω
75
140
50
110
40
90
INPUT VOLTAGE RANGE*
IVR
V+ = 5 V, V– = 0 V
0/3.5
0/3.5
0/3.5
V
VS = +15 V
*
–15/13.5
–15/13.5
–15/13.5
OUTPUT VOLTAGE SWING
VO
VS =
±15 V
RL = 10 k
Ω±13
±14
±13
±14
±13
±14
V
RL = 2 k
Ω±10
±11
±10
±11
±10
±11
VOH
V+ = 5 V, V– = 0 V
RL = 2 k
Ω
3.9
4.1
3.9
4.1
3.9
4.1
V
VOL
V+ = 5 V, V– = 0 V
RL = 10 k
Ω
10
100
10
100
10
100
µV
COMMON-MODE
CMR
V+ = 5 V, V– = 0 V,
85
105
80
100
80
100
dB
REJECTION
0 V < VCM < 3.5 V
VS =
±15 V
–15 V < VCM < 13.5 V
95
115
90
110
90
110
POWER SUPPLY
PSRR
3.2
7.5
5.6
10
5.6
15
µV/V
REJECTION RATIO
SUPPLY CURRENT ISY
VS =
±1.5 V
24
50
24
50
24
50
µA
(All Amplifiers)
VS =
±15 V
3160
3160
3160
NOTE
*
Guaranteed by CMR test.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com