Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP290FZ Datasheet(PDF) 10 Page - Analog Devices

Part # OP290FZ
Description  Precision, Low Power, Micropower Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP290FZ Datasheet(HTML) 10 Page - Analog Devices

Back Button OP290FZ Datasheet HTML 4Page - Analog Devices OP290FZ Datasheet HTML 5Page - Analog Devices OP290FZ Datasheet HTML 6Page - Analog Devices OP290FZ Datasheet HTML 7Page - Analog Devices OP290FZ Datasheet HTML 8Page - Analog Devices OP290FZ Datasheet HTML 9Page - Analog Devices OP290FZ Datasheet HTML 10Page - Analog Devices OP290FZ Datasheet HTML 11Page - Analog Devices OP290FZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. A
OP290
–10–
1/2
OP290GP
1
1/2
OP290GP
3
2
7
6
5
R1
250k
C1
0.1 F
+15V
–15V
VOUT
R2
100k
R3
1M
D2
D1
DIODES ARE 1N4148
4
R4
25k
C1
4700pF
8
Figure 6. Variable Slew Rate Filter
LOW OVERHEAD VOLTAGE REFERENCE
Figure 7 shows a voltage reference that requires only 0.1 V of
overhead voltage. As shown, the reference provides a stable
4.5 V output with a 4.6 V to 36 V supply. Output voltage drift is
only 12 ppm/
°C. Line regulation of the reference is under 5 HV/V
with load regulation better than 10
µV/mA with up to 50 mA of
output current.
The REF-43 provides a stable 2.5 V which is multiplied by the
OP290. The PNP output transistor enables the output voltage
to approach the supply voltage.
Resistors R1 and R2 determine the output voltage.
VV
R
R
OUT
=+


25
1
2
1
.
The 200
Ω variable resistor is used to trim the output voltage.
For the lowest temperature drift, parallel resistors can be used in
place of the variable resistor and taken out of the circuit as required
to adjust the output voltage.
6
2
4
REF-43FZ
R1B
200
20-TURN
BOURNS 3006P-1-201
VOUT
VIN
VOUT
GND
R1A
2.37
1%
C1
10 F
C2
0.1 F
V+
R2
2k
1%
2N2907A
1
1/2
OP290GP
3
2
8
4
Figure 7. Low Overhead Voltage Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com