Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2005 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2005
Description  Decoder 5.1-Channel Soundfield Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2005 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2005 Datasheet HTML 6Page - Analog Devices SSM2005 Datasheet HTML 7Page - Analog Devices SSM2005 Datasheet HTML 8Page - Analog Devices SSM2005 Datasheet HTML 9Page - Analog Devices SSM2005 Datasheet HTML 10Page - Analog Devices SSM2005 Datasheet HTML 11Page - Analog Devices SSM2005 Datasheet HTML 12Page - Analog Devices SSM2005 Datasheet HTML 13Page - Analog Devices SSM2005 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SSM2005
–10–
REV. 0
D7
D6
D5
D4
D3
D2
D1
D0
1
0
1
DATA
0
1
0
1
0
CLK
DATA
tCL
CLK
1
tCH
tDS
tDH
tWC
tCW
tW3
WRITE & LOAD
WRITE & LOAD
1
0
Figure 7. Logic Timing Diagram
Table IV. Timing Description
Timing Symbol
Description
Min
Typ
Max
Units
tCL
Input Clock Pulsewidth
50
ns
tCH
Input Clock Pulsewidth
50
ns
tDS
Data Setup Time
25
ns
tDH
Data Hold Time
35
ns
tCW
Positive CLK Edge to End of Write
25
ns
tWC
Write to Clock Setup Time
35
ns
tLW
End of Load Pulse to Next Write (4-Wire Mode)
20
ns
tWL
End of Write to Start of Load (4-Wire Mode)
20
ns
tL
Load Pulsewidth (4-Wire Mode)
250
ns
tW3
Load Pulsewidth (3-Wire Mode)
250
ns
NOTES:
1. An idle HI (CLK-HI) or idle LO (CLK-LO) clock may be used. Data is latched on the positive edge.
2. For SPI
TM or MICROWIRETM 3-wire bus operation, tie
LD to WRITE and use WRITE pulse to drive both pins. (This generates an automatic
internal
LD signal.)
3. If an idle HI clock is used, tCW and tWL are measured from the final negative transition to the idle state.
4. The first data byte selects an address (MSB HI), and subsequent MSB LO states set gain levels. Refer to the Address/Data Decoding Truth Table.
5. Data must be sent MSB first.
SPI is a trademark of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com