Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2005 Datasheet(PDF) 14 Page - Analog Devices

Part # SSM2005
Description  Decoder 5.1-Channel Soundfield Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2005 Datasheet(HTML) 14 Page - Analog Devices

Back Button SSM2005 Datasheet HTML 7Page - Analog Devices SSM2005 Datasheet HTML 8Page - Analog Devices SSM2005 Datasheet HTML 9Page - Analog Devices SSM2005 Datasheet HTML 10Page - Analog Devices SSM2005 Datasheet HTML 11Page - Analog Devices SSM2005 Datasheet HTML 12Page - Analog Devices SSM2005 Datasheet HTML 13Page - Analog Devices SSM2005 Datasheet HTML 14Page - Analog Devices SSM2005 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
SSM2005
–14–
REV. 0
Using the SSM2005 for Karaoke
In Video mode, the SSM2005 removes centered vocal informa-
tion from the LF and RF speakers. This allows the device to be
used in Karaoke applications, where the user can sing along with
any music recording. Figure 11 shows a circuit diagram for such
an application.
The OP179 is the microphone preamplifier with a gain of +20 dB.
A 2.2 k
Ω resistor connects the microphone to the +6 V supply rail,
providing proper biasing for an electret microphone.
The SSM2402 is used as a clickless switch, connecting the
center output to either the center out from the SSM2005 or the
microphone. In Circle Surround mode, the control voltages to
the SSM2402 connect the output from the SSM2005 to the
center output.
In Karaoke Mode, this connection is opened, and the micro-
phone is directed to the center output. At the same time, the
SSM2005 should be loaded with data byte (MSB first):
1 1 1 0 1 0 1 1. This activates the center canceling circuitry in
the SSM2005, removing centered vocal information from the
left front and right front speakers.
The overall result is the microphone output comes out of the
center speaker, with the vocals-removed music coming from the
remaining speakers.
14
13
12
11
10
9
8
1
2
3
4
5
6
7
SSM2402
+6V
6V
SSM2005*
FOR KARAOKE, LOAD DATA
BYTE: 1 1 1 0 1 0 1 1
LEFT IN
RIGHT IN
10 F
10 F
CENTER
LF
RF
LS
RS
OUTPUTS
*ADDITIONAL PINS OMITTED
FOR CLARITY
+5V
KARAOKE
MODE
CIRCLE
SURROUND
MODE
SW-2
7404
6V
OP179
+6V
0.1 F 1k
MIC
2.2k
10k
+6V
48
47
46
45
44
7
10
39
Figure 11. Using the SSM2005 for Karaoke



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com