Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2005 Datasheet(PDF) 12 Page - Analog Devices

Part # SSM2005
Description  Decoder 5.1-Channel Soundfield Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2005 Datasheet(HTML) 12 Page - Analog Devices

Back Button SSM2005 Datasheet HTML 7Page - Analog Devices SSM2005 Datasheet HTML 8Page - Analog Devices SSM2005 Datasheet HTML 9Page - Analog Devices SSM2005 Datasheet HTML 10Page - Analog Devices SSM2005 Datasheet HTML 11Page - Analog Devices SSM2005 Datasheet HTML 12Page - Analog Devices SSM2005 Datasheet HTML 13Page - Analog Devices SSM2005 Datasheet HTML 14Page - Analog Devices SSM2005 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
SSM2005
–12–
REV. 0
4.7M
0.01 F
5.9k
105k
48.7k
4.7nF
0.1 F
100
LEFT IN
10 F
10 F
0.1 F
100
RIGHT IN
10 F
0.1 F
6V
6V
SSM2275-A
10 F
0.1 F
40.2k
1nF
1nF
787
0.1 F
1 F
787k
909
0.1 F
100pF
SSM2275-B
10 F
0.1 F
909
0.1 F
453
453
0.1 F
0.1 F
1 F
453
453
0.1 F
1 F
L
R OUT
TO SUBWOOFER FILTER
(OPTIONAL)
1 F
1k
COUT
LFOUT
RFOUT
LSOUT
RSOUT
0.47 F
3.82k
LOAD
RESET
DATA
1 F
33.2k
6V
6V
WRITE
CLK IN
0.1 F
0.22 F
274k
1 F
100k
0.1 F
0.22 F
274k
1 F
1 F
22 F
10k
1 F
DENOTES CONTROL
GROUND
DENOTES SIGNAL
GROUND
DENOTES CONNECTION
7.87k
+
+
+
+
+
162k
+
1 F
1k
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
SSM2005
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
787
0.01 F
0.1 F
SSM2275-B
0.01 F
5.9k
105k
48.7k
4.7nF
0.1 F
SSM2275-A
10 F
+
Figure 8. Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com