Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2135P Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2135P
Description  Dual Single-Supply Audio Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135P Datasheet(HTML) 4 Page - Analog Devices

  SSM2135P Datasheet HTML 1Page - Analog Devices SSM2135P Datasheet HTML 2Page - Analog Devices SSM2135P Datasheet HTML 3Page - Analog Devices SSM2135P Datasheet HTML 4Page - Analog Devices SSM2135P Datasheet HTML 5Page - Analog Devices SSM2135P Datasheet HTML 6Page - Analog Devices SSM2135P Datasheet HTML 7Page - Analog Devices SSM2135P Datasheet HTML 8Page - Analog Devices SSM2135P Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SSM2135
REV. D
–4–
Figure 7. SMPTE Intermodulation Distortion (AV = +1,
VS = +5 V, f = 1 kHz, RL = 10 kΩ)
10
0%
100
90
1s
Figure 8. Input Voltage Noise (20 nV/div)
30
15
0
110
1k
100
5
20
25
FREQUENCY – Hz
V
S
= +5V
T
A
= +25
°C
10
Figure 9. Voltage Noise Density vs. Frequency
5
2
0
110
1k
100
1
3
4
FREQUENCY – Hz
V
S
= +5V
T
A
= +25
°C
Figure 10. Current Noise Density vs. Frequency
Figure 11. Frequency Response (AV = +1, VS = +5 V,
VIN = 1 V p-p, RL = 10 kΩ)
10
100
0%
90
1
µS
500m V
Figure 12. Square Wave Response (VS = +5 V, AV = +1,
RL = ∞)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com