Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2135P Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2135P
Description  Dual Single-Supply Audio Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135P Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2135P Datasheet HTML 4Page - Analog Devices SSM2135P Datasheet HTML 5Page - Analog Devices SSM2135P Datasheet HTML 6Page - Analog Devices SSM2135P Datasheet HTML 7Page - Analog Devices SSM2135P Datasheet HTML 8Page - Analog Devices SSM2135P Datasheet HTML 9Page - Analog Devices SSM2135P Datasheet HTML 10Page - Analog Devices SSM2135P Datasheet HTML 11Page - Analog Devices SSM2135P Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SSM2135
REV. D
–10–
A Digital Volume Control Circuit
Working in conjunction with the AD7528/PM7528 dual 8-bit
D/A converter, the SSM2135 makes for an efficient audio
attenuator, as shown in Figure 37. The circuit works off a single
+5 V supply. The DAC’s are biased to a 2 V reference level
which is sufficient to keep the DAC’s internal R-2R ladder
switches operating properly. This voltage is also the optimal
midpoint of the SSM2135’s common-mode and output swing
range. With the circuit as shown, the maximum input and
output swing is 1.25 V rms. Total harmonic distortion measures
a respectable 0.01% at 1 kHz and 0.1% at 20 kHz. The fre-
quency response at any attenuation level is flat to 20 kHz.
Each DAC can be controlled independently via the 8-bit parallel
data bus. The attenuation level is linearly controlled by the
binary weighting of the digital data input. Total attenuation
ranges from 0 dB to 48 dB.
1µF
47µF
8
47µF
2k
Ω
100
Ω
0.1µF
1/2
SSM2135
1
2
3
10µF+0.1µF
+5V
4
1/2
SSM2135
8
1
3
2
4
+5V
5k
Ω
L AUDIO
OUT
47µF
1/2
SSM2135
R AUDIO
OUT
6
5
7
2.0V
7.5k
Ω
+5V
2.0V
3
2
19
20
1
17
5
18
4
6
15
16
DACA/
DACB
CS
WR
REF B
DAC B
FB
OUTB
VDD
DGND
0.1µF
+5V
47µF
L AUDIO
IN
DATA IN
CONTROL
SIGNAL
R AUDIO
IN
AD/PM-7528
REF A
DAC A
FB
OUTA
Figure 37. Digital Volume Control
A Logarithmic Volume Control Circuit
Figure 38 shows a logarithmic version of the volume control
function. Similar biasing is used. With an 8-bit bus, the
AD7111 provides an 88.5 dB attenuation range. Each bit
resolves a 0.375 dB attenuation. Refer to AD7111 data sheet for
attenuation levels for each input code.
1µF
8
47µF
2k
Ω
100
Ω
0.1µF
1/2
SSM2135
1
2
3
4
1/2
SSM2135
8
1
3
2
4
+5V
5k
Ω
L AUDIO
OUT
47µF
1/2
SSM2135
R AUDIO
OUT
6
5
7
7.5k
Ω
+5V
2.0V
0.1µF
+5V
L AUDIO
IN
DATA IN &
CONTROL
R AUDIO
IN
10µF+0.1µF
+5V
1
2
15
314
16
47µF
DGND
AD7111
FB
OUTA
VDD
AGND
VIN
1
2
0.1µF
+5V
314
16
DGND
AD7111
FB
OUTA
VDD
AGND
VIN
15
47µF
10
10
10
Figure 38. Single Supply Logarithmic Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com