Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2135P Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2135P
Description  Dual Single-Supply Audio Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135P Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2135P Datasheet HTML 2Page - Analog Devices SSM2135P Datasheet HTML 3Page - Analog Devices SSM2135P Datasheet HTML 4Page - Analog Devices SSM2135P Datasheet HTML 5Page - Analog Devices SSM2135P Datasheet HTML 6Page - Analog Devices SSM2135P Datasheet HTML 7Page - Analog Devices SSM2135P Datasheet HTML 8Page - Analog Devices SSM2135P Datasheet HTML 9Page - Analog Devices SSM2135P Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SSM2135
REV. D
–6–
FREQUENCY – Hz
50
25
0
10
100
1M
100k
10k
1k
30
35
40
45
5
10
15
20
V
S
= +5V
T
A
= +25
°C
A
VCL
= +100
A
VCL
= +1
A
VCL
= +10
Figure 19. Output Impedance vs. Frequency
5
4
0
1
10
100k
10k
1k
100
3
2
1
V
S
= +5V
T
A
= +25
°C
A
V
= +1
ƒ = 1kHz
THD+N = 1%
LOAD RESISTANCE –
Ω
Figure 20. Maximum Output Voltage vs. Load Resistance
6
3
0
10k
10M
1M
100k
1k
2
1
4
5
FREQUENCY – Hz
V
S = +5V
R
L = 2kΩ
T
A = +25°C
A
V = +1
Figure 21. Maximum Output Swing vs. Frequency
40
20
0
05
40
35
30
25
20
15
10
25
30
35
5
10
15
V
S
= +5V
A
V
= +1
R
L
= 10k
ƒ = 1kHz
THD+N = 1%
T
A
= +25
°C
SUPPLY VOLTAGE – Volts
Figure 22. Output Swing vs. Supply Voltage
5.0
3.0
125
4.5
3.5
–50
4.0
75
100
50
25
0
–25
TEMPERATURE –
°C
V
S = +5.0V
2.0
0
1.5
0.5
1.0
+SWING
R
L= 2kΩ
+SWING
R
L= 600Ω
–SWING
R
L= 2kΩ
–SWING
R
L= 600Ω
–75
Figure 23. Output Swing vs. Temperature and Load
2.0
0
125
1.5
0.5
–50
1.0
75
100
50
25
0
–25
TEMPERATURE –
°C
V
S = +5V
+0.5V
≤ V
OUT ≤ +4.0V
–SLEW RATE
+SLEW RATE
–75
Figure 24. Slew Rate vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com