Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2142 Datasheet(PDF) 2 Page - Analog Devices

Part # SSM2142
Description  Balanced Line Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2142 Datasheet(HTML) 2 Page - Analog Devices

  SSM2142 Datasheet HTML 1Page - Analog Devices SSM2142 Datasheet HTML 2Page - Analog Devices SSM2142 Datasheet HTML 3Page - Analog Devices SSM2142 Datasheet HTML 4Page - Analog Devices SSM2142 Datasheet HTML 5Page - Analog Devices SSM2142 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
REV. B
SSM2142–SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT IMPEDANCE
ZIN
10
k
Ω
INPUT CURRENT
IIN
VIN =
±7.071 V
±750
±900
µA
GAIN, DIFFERENTIAL
5.8
5.98
dB
GAIN, SINGLE-ENDED
Single-Ended Mode
5.7
5.94
dB
GAIN ERROR, DIFFERENTIAL
RL = 600 Ω
0.7
2
%
POWER SUPPLY REJECTION
RATIO STATIC
PSRR
VS = ± 13 V to ± 18 V
60
80
dB
OUTPUT COMMON-MODE REJECTION
OCMR
See Test Circuit; f = 1 kHz
–38
–45
dB
OUTPUT SIGNAL BALANCE RATIO
SBR
See Test Circuit; f = 1 kHz
–35
–40
dB
TOTAL HARMONIC DISTORTION
Plus Noise
THD+N
20 Hz to 20 kHz,
0.006
%
VO = 10 V rms, RL = 600 Ω
SIGNAL-TO-NOISE RATIO
SNR
VIN = 0 V
–93.4
dBu
HEADROOM
HR
CLIP Level = 10.5 V rms
+93.4
dBu
SLEW RATE
SR
15
V/
µs
OUTPUT COMMON-MODE
VOLTAGE OFFSET
1
VOOS
RL = 600
Ω
–250
25
250
mV
DIFFERENTIAL OUTPUT
VOLTAGE OFFSET
VOOD
RL = 600
Ω
–50
15
50
mV
DIFFERENTIAL OUTPUT
VOLTAGE SWING
VIN =
±7.071 V
±13.8
±14.14
V
OUTPUT IMPEDANCE
ZO
45
50
55
Ω
SUPPLY CURRENT
ISY
Unloaded, VIN = 0 V
5.5
7.0
mA
OUTPUT CURRENT, SHORT CIRCUIT
ISC
60
70
mA
NOTES
1Output common-mode offset voltage can be removed by inserting dc blocking capacitors in the sense lines. See Applications Information.
Specifications subject to change without notice.
(VS =
18 V, –40 C
≤ T
A
≤ +85 C, operating in differential mode unless otherwise
noted. Typical characteristics apply to operation at TA = +25 C.)
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Storage Temperature . . . . . . . . . . . . . . . . . . –60
°C to +150°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . +300
°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Output Short Circuit Duration (Both Outputs) . . . . Indefinite
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. These are stress ratings only; the functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Operating
Package
Package
Model
Temperature Range
Description
Option
SSM2142P
–40
°C to +85°C
Plastic DIP
N-8
SSM2142S* –40
°C to +85°C
SOL
R-16
*For availability of SOIC package, contact your local sales office.
PIN CONNECTIONS
8-Pin Plastic DIP
(P Suffix)
–2–
16-Pin Wide Body SOL
(S Suffix)
– FORCE
– SENSE
GROUND
V
IN
+ FORCE
+ SENSE
+V
–V
NC
NC
NC
NC
NC
NC
NC
NC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com