Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2142 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2142
Description  Balanced Line Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2142 Datasheet(HTML) 4 Page - Analog Devices

  SSM2142 Datasheet HTML 1Page - Analog Devices SSM2142 Datasheet HTML 2Page - Analog Devices SSM2142 Datasheet HTML 3Page - Analog Devices SSM2142 Datasheet HTML 4Page - Analog Devices SSM2142 Datasheet HTML 5Page - Analog Devices SSM2142 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SSM2142
–4–
REV. B
THD PERFORMANCE
The following data, taken from the THD test circuit on an
Audio Precision System One using the internal 80 kHz noise
filter, demonstrates the typical performance of a balanced pair
system based on the SSM2142/SSM2141 chip set. Both dif-
ferential and single-ended modes of operation are shown, under
a number of output load conditions which simulate various
application situations. Note also that there is no adverse effect
on system performance when using the optional series feedback
capacitors, which reject dc cable offsets in order to maintain
optimal ac noise rejection. The large signal transient response of
the system to a 100 kHz square wave input is also shown,
demonstrating the stability of the SSM2142 under load.
V
IN
SSM
2142
4
3
+18V
6
5
7
8
1
2
–18V
10µF*
10µF*
R1
R2
R
L
A
B
SSM
2141
VOUT
C
*USED ONLY IN THD PLOTS AS NOTED.
ALL CABLE MEASUREMENTS USE BELDEN 8451 CABLE.
Figure 7. THD Test Circuit
Figure 8. THD+N vs. Frequency at Point B
(Differential Mode)
Figure 9. THD+N vs. Frequency at Point B
(Differential Mode)
Figure 10. THD+N vs. Frequency at Point A
(Single Ended)
Figure 11. THD+N vs. Frequency at Point C
(SSM2141 Output)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com