Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2142 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2142
Description  Balanced Line Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2142 Datasheet(HTML) 3 Page - Analog Devices

  SSM2142 Datasheet HTML 1Page - Analog Devices SSM2142 Datasheet HTML 2Page - Analog Devices SSM2142 Datasheet HTML 3Page - Analog Devices SSM2142 Datasheet HTML 4Page - Analog Devices SSM2142 Datasheet HTML 5Page - Analog Devices SSM2142 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SSM2142
REV. B
–3–
Typical Performance Characteristics
10
140
FREQUENCY – Hz
120
100
80
60
40
20
0
100
1k
10k
100k
TA = +25°C
VS = ±18V
∆V
S = ±1V
–PSR
+PSR
Figure 3. Power Supply Rejection vs. Frequency
±2
SUPPLY VOLTAGE – Volts
12
10
8
6
4
2
0
0.1% DISTORTION
±6
±10
±14
±18
TA = +25°C
RL = 600Ω
DIFF. MODE
FREQ. = 20kHz
Figure 5. Output Voltage Swing vs. Supply Voltage
10
12
FREQUENCY – kHz
10
8
6
4
2
0
20
30
50
100
TA = +25°C
VS = ±18V
RL = 600Ω
DIFF. MODE
0.1% DISTORTION
0.01% DISTORTION
Figure 4. Maximum Output Voltage Swing vs. Frequency
±2
SUPPLY VOLTAGE – Volts
6.5
±6
±10
±14
±18
TA = +25°C
VIN = 0V
NO LOAD
6.0
5.5
5.0
4.5
4.0
3.5
Figure 6. Supply Current vs. Supply Voltage
2
V OUT
V
300
Ω
300
Ω
600
Ω
+18V
–18V
VS = 0V
VCMR= 10V p–p
∆V
OUT
VCMR
OCMR = 20 LOG
1
3
4
5
6
7
8
Figure 1. Output CMR Test Circuit
300
300
600
+18V
–18V
V
= 10V p–p
IN
∆V
OUT
VIN
SBR = 20 LOG
VOUT
2
1
3
4
5
6
7
8
V
Ω
Ω
Ω
Figure 2. Signal Balance Ratio (BBC Method) Test Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com