Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2161 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2161
Description  6- and 4-Channel, Serial Input Master/Balance Volume Controls
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2161 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2161 Datasheet HTML 5Page - Analog Devices SSM2161 Datasheet HTML 6Page - Analog Devices SSM2161 Datasheet HTML 7Page - Analog Devices SSM2161 Datasheet HTML 8Page - Analog Devices SSM2161 Datasheet HTML 9Page - Analog Devices SSM2161 Datasheet HTML 10Page - Analog Devices SSM2161 Datasheet HTML 11Page - Analog Devices SSM2161 Datasheet HTML 12Page - Analog Devices SSM2161 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SSM2160/SSM2161
–9–
REV. 0
+
+
V+
0.1µF
10µF
0.1µF
10µF
3
1
2
12
13
DGND
V–
VREF
AGND
V+
SSM2160
CHnIN
REF
OUT
Figure 16. Single Supply Operation with VREF Buffer
Signal Chain Considerations
The SSM2160 is capable of providing an extremely wide control
range, from –127 dB of attenuation (limited only by the noise
floor) to +31 dB of gain. When configuring the system, the
SSM2160 should be in the signal chain where input signals allow
the minimum VCA gain to be used, thus ensuring the lowest
distortion operation. In consumer products, sources that
supply line level signals include FM/AM Tuner, Phono Preamp,
Cassette Deck, CD, Laserdisc, VCR, LINE, AUX and Micro-
phone Preamp. Figure 17 shows a typical application where the
SSM2160 has been placed between a surround-sound decoder
and the power amplification stages. This allows the user to
adjust both volume and balance between six speakers through the
use of the Master and Channel controls.
FM/AM TUNER
PHONO PREAMP
CASSETTE DECK
COMPACT DISK
LASER DISK
VCR
MICROPHONE
MUX
SURROUND
SOUND
DECODER
SSM2160
TO
SPEAKERS
POWER AMPS
VOLUME AND
BALANCE
CONTROLS
LINE LEVEL INPUTS – STEREO PAIRS
Figure 17. Typical Signal Chain Using the SSM2160
Digital Control Range Plan
The SSM2160 may be modelled as six ganged potentiometers
followed by individual programmable gain channel amplifiers, as
shown in Figure 18. In actuality, each channel’s signal level is
set by a VCA that can give gain or attenuation, depending upon
the control voltage supplied. The input potentiometers have a
maximum gain 0 dB (unity), a minimum gain of –127 dB, and
change in 1 dB steps. The channel amplifiers each have mini-
mum gain of 0 dB and a maximum gain of +31 dB and also
change in 1 dB steps. The data settings for the attenuation of
the master “potentiometer” and the channel “amplifier” are
shown in Table II.
OUTPUT
CHANNEL
INPUT
0dB
–127dB
31dB
0dB
MASTER
Figure 18. Potentiometer Representation of SSM2160
(One Channel Only)
Table II. Master and Channel Control
Data
dB
Hex
Binary
Master
Min Atten
0
7F
1111111
Max Atten
–127
00
0000000
Channel
Max Gain
+31
00
00000
Midgain
+15
10
10000
Min Gain
0
1F
11111
When using Channel controls as balance controls, the center
would be with Channel = 10h (or 0Fh if desired). Increasing the
gain to the maximum would occur at Channel = 00h. Reducing
the gain to minimum would occur at Channel = 1Fh.
SELECTION
ADDRESS MODE
ADDRESS
DATA MODE
DATA
7-BIT MASTER DAC
5-BIT CHANNEL DAC 1
5-BIT CHANNEL DAC 2
5-BIT CHANNEL DAC 3
5-BIT CHANNEL DAC 4
5-BIT CHANNEL DAC 5
5-BIT CHANNEL DAC 6
NO DAC SELECTED
1
1
1
1
1
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
X
X
X
X
X
X
X
X = "DON'T CARE"
SHADED AREA IS DATA
0 = MUTE,
1 = UN-MUTE
MSB
MSB
LSB
LSB
XXXXX
Figure 19. Interface Characteristics, DAC Address/Data Decoding Truth Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com