Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2161 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2161
Description  6- and 4-Channel, Serial Input Master/Balance Volume Controls
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2161 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2161 Datasheet HTML 6Page - Analog Devices SSM2161 Datasheet HTML 7Page - Analog Devices SSM2161 Datasheet HTML 8Page - Analog Devices SSM2161 Datasheet HTML 9Page - Analog Devices SSM2161 Datasheet HTML 10Page - Analog Devices SSM2161 Datasheet HTML 11Page - Analog Devices SSM2161 Datasheet HTML 12Page - Analog Devices SSM2161 Datasheet HTML 13Page - Analog Devices SSM2161 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SSM2160/SSM2161
–10–
REV. 0
Serial Data Input Format
The standard format for data sent to SSM2160 is an address
byte followed by a data byte. This is depicted in the truth table,
Figure 19. Two 8-bit bytes are required for each Master and
each of the six channel updates. The first byte sent contains the
address and is identified by the MSB being logic high. The
second byte contains the data and is identified by the MSB being
logic low. The 7 LSBs of the first data byte set the attenuation level
from 0 dB to –127 dB for the Master. The 5 LSBs of the byte set
the Channel gain levels from 0 dB to 31 dB.
Serial Data Control Inputs
The SSM2160 provides a simple 3- or 4-wire serial interface—
see the timing diagram in Figure 1. Data is presented to the
DATA pin and the serial clock to the CLK pin. Data may be
shifted in at rates up to 1 MHz (typically).
The shift register, CLK, is enabled when the WRITE input is
low. The WRITE thus serves as a Chip Select input; however,
the shift register contents are not transferred to the holding
register until the rising edge of LD. In most cases, WRITE and
LD
will be tied together, forming a tradition 3-wire serial interface.
To enable a data transfer, the WRITE and LD inputs are driven
logic low. The 8-bit serial data, formatted MSB first, is input on
the DATA pin and clocked into the shift register on the falling
edge of CLK. The data is latched on the rising edge of WRITE
and LD.
Table III. Input/Output Levels vs. Attenuation/Gain
Input
Gain/Loss
Output
dBu
mV rms
Master
Channel
Net dBu
mV rms
0
775
–31
31
0
0
775
–31
22
0
31
31
0
775
–28
31
0
31
31
3
1100
Saturation Prevention
Unlike a passive potentiometer, the SSM2160 can give up to
+31 dB of gain, thereby creating a potential for saturating the
VCAs, resulting in an undesirable clipping or overload condi-
tion. Careful choice of input signal levels and digital gain
parameters will eliminate the possibility. A few of the many
acceptable gain and attenuation settings that keep the signals
within the prescribed limits are shown in Table III. The
input and output levels are given in mV rms and dBu (0 dBu
= 0.775 V rms).
Line one of the table: the master is not allowed to have less than
–31 dB attenuation, and the channel is allowed +31 dB of gain.
Since the net gain is zero, there is no possibility of overload with
the expected maximum input signal.
Line two of the table shows that input signal limited to –31 dBu
will allow +31 dB of Channel gain and 0 dB of Master attenua-
tion. With an input below –31 dBu, the output will never
exceed 0 dBu, so no overloading is possible.
Line Three of the table allows an input of –28 dBu, Master
attenuation of 0 dB, and 31 dB Channel gain. The output is a
maximum of 3 dBu (1.1 V rms), which is acceptable for power
supplies of
±6 V or more. So long as V p-p < V
SUPPLY/4, there
will be no overloading (See Table I).
If unity overall gain is required from the SSM2160, there should
be no net gain between the master (loss) and channel (gain),
with both at their lowest attenuation position. Minimum
channel gain is recommended for minimum distortion.
MASTER
DAC
CHANNEL
DAC
IN
OUT
RC
IFS SET
SUMMATION
RESISTOR
“R”
i
SIGNAL
V+
RM
C
RM, RC, C
EXTERNAL
SSM2160
Figure 20. VCA Control Scheme
Control Range and Channel Tracking
Each Channel VCA is controlled by its own DAC’s output, plus
the control signal from the master DAC. This is shown in
Figure 21. Channel DACs are configured to increase the gain of
the VCA in 1 dB steps from zero to 31 dB. Thus, the midpoint
(15, or 16 if you prefer) should be chosen as the center setting
of the electronic balance controls. Since the master DAC feeds
all summation nodes, the attenuation of all VCAs simulta-
neously change from 0 dB to the noise floor.
Maximum Attenuation of all channels occurs when the Master is
set to –127 dB attenuation, and the Channel is set to 0 dB gain.
Minimum Attenuation of all channels occurs when the Master is
set at 0 dB, and the Channel is set to +31 dB.
Once the channel to channel balance has been set, the Master
may be changed without changing the balance. This is shown
graphically in Figure 21.
+31
+16
0
–16
–32
–48
–64
–80
–96
–112
–128
0 0 0 0 0
1 1 1 1 1
0 0 0 0 0
1 1 1 1 1
CHANNEL
GAIN
CHANNEL
GAIN
CHANNEL
GAIN
MASTER
ATTENUATION
+31
+16
0
+31
+16
0
NOISE FLOOR
0 0 0 0 0 0
NET GAIN/ATTEN
1 1 1 1 1 1
Figure 21. Practical Control Range
Master/Channel Step Sizes
The details of the DAC control of the Channel VCAs is
depicted in Figure 20. A 7-bit current output DAC and an op
amp converts the digitally commanded master control level to
an analog voltage. A capacitor across the feedback resistor
limits the rate of change at the output to prevent clicking. A
5-bit DAC converts the digitally commanded channel control
level to a voltage via a resistor R. These two control signals sum
in resistor R and are fed to the channel VCA. Although we



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com