Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2161 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2161
Description  6- and 4-Channel, Serial Input Master/Balance Volume Controls
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2161 Datasheet(HTML) 4 Page - Analog Devices

  SSM2161 Datasheet HTML 1Page - Analog Devices SSM2161 Datasheet HTML 2Page - Analog Devices SSM2161 Datasheet HTML 3Page - Analog Devices SSM2161 Datasheet HTML 4Page - Analog Devices SSM2161 Datasheet HTML 5Page - Analog Devices SSM2161 Datasheet HTML 6Page - Analog Devices SSM2161 Datasheet HTML 7Page - Analog Devices SSM2161 Datasheet HTML 8Page - Analog Devices SSM2161 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SSM2160/SSM2161
–4–
REV. 0
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage
Dual Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Single . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +36 V
Logic Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.3 V to +5 V
Operating Temperature Range . . . . . . . . . . . . . 0
°C to +70°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature Range . . . . . . . . . . . . –65
°C to +165°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . +300
°C
ESD Ratings
883 (Human Body) Model . . . . . . . . . . . . . . . . . . . . . . 2.5 kV
PACKAGE THERMAL INFORMATION
Package Type
3
JA
JC
Units
24-Pin Plastic P-DIP
60
30
°C/W
24-Pin SOIC
71
23
°C/W
20-Pin Plastic P-DIP
65
26
°C/W
20-Pin SOIC
84
24
°C/W
NOTES
1Absolute maximum ratings apply at +25
°C unless otherwise noted.
2V
S is the total supply span from V+ to V–.
3
θ
JA is specified for the worst case conditions, i.e., for device in socket for P-DIP,
packages and for device soldered onto a circuit board for SOIC packages.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
SSM2160P
0
°C to +70°C
24-Lead Plastic DIP N-24
SSM2160S
0
°C to +70°C
24-Lead SOL
R-24
SSM2160S-REEL
0
°C to +70°C
24-Lead SOL
R-24
SSM2161P
0
°C to +70°C
20-Lead Plastic DIP N-20
SSM2161S
0
°C to +70°C
20-Lead SOL
R-20
SSM2161S-REEL
0
°C to +70°C
20-Lead SOL
R-20
PIN CONFIGURATIONS
24-Lead Epoxy DIP and SOIC
13
16
15
14
24
23
22
21
20
19
18
17
TOP VIEW
(Not to Scale)
12
11
10
9
8
1
2
3
4
7
6
5
SSM2160
V+
VOUT2
MSTR SET
MSTR OUT
CH SET
AGND
VREF
VOUT1
VIN4
VOUT4
VIN2
VIN1
VOUT3
VIN3
VOUT5
VIN5
WRITE
DATA
VIN6
VOUT6
LD
V–
CLK
DGND
20-Lead Epoxy DIP and SOIC
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
SSM2161
V+
VOUT2
MSTR SET
MSTR OUT
CH SET
AGND
VREF
VOUT1
VIN4
VOUT4
VIN2
VIN1
VOUT3
VIN3
WRITE
LD
V–
DGND
CLK
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com