Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2165 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2165
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2165 Datasheet(HTML) 1 Page - Analog Devices

  SSM2165 Datasheet HTML 1Page - Analog Devices SSM2165 Datasheet HTML 2Page - Analog Devices SSM2165 Datasheet HTML 3Page - Analog Devices SSM2165 Datasheet HTML 4Page - Analog Devices SSM2165 Datasheet HTML 5Page - Analog Devices SSM2165 Datasheet HTML 6Page - Analog Devices SSM2165 Datasheet HTML 7Page - Analog Devices SSM2165 Datasheet HTML 8Page - Analog Devices SSM2165 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
SSM2165*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
FUNCTIONAL BLOCK DIAGRAM
VCA
+1
VCAIN
BUFOUT
V+
V+
+
C2
10 F
BUFFER
LEVEL
DETECTOR
CONTROL
SSM2165
C1
0.1 F
AUDIO
IN+
VOUT
R1
25k
C3
22 F
AVG CAP
COMPRESSION
RATIO SET
GND
RA
2
RA
2
+
FEATURES
Complete Microphone Conditioner in an 8-Lead Package
Single +5 V Operation
Preset Noise Gate Threshold
Compression Ratio Set by External Resistor
Automatic Limiting Feature Prevents ADC Overload
Adjustable Release Time
Low Noise and Distortion
20 kHz Bandwidth ( 1 dB)
Low Cost
APPLICATIONS
Microphone Preamplifier/Processor
Computer Sound Cards
Public Address/Paging Systems
Communication Headsets
Telephone Conferencing
Guitar Sustain Effects Generator
Computerized Voice Recognition
Surveillance Systems
Karaoke and DJ Mixers
GENERAL DESCRIPTION
The SSM2165 is a complete and flexible solution for condition-
ing microphone inputs in computer audio systems. It is also
excellent for improving vocal clarity in communications and
public address systems. A low noise voltage controlled amplifier
(VCA) provides a gain that is dynamically adjusted by a control
loop to maintain a set compression characteristic. The compres-
sion ratio is set by a single resistor and can be varied from 1:1 to
over 15:1 relative to the fixed rotation point. Signals above the
rotation point are limited to prevent overload and to eliminate
“popping.” A downward expander (noise gate) prevents amplifi-
cation of noise or hum. This results in optimized signal levels
prior to digitization, thereby eliminating the need for additional
gain or attenuation in the digital domain that could add noise or
impair accuracy of speech recognition algorithms. The flexibility
of setting the compression ratio and the time constant of the
level detector, coupled with two values of rotation point, make
the SSM2165 easy to integrate in a wide variety of microphone
conditioning applications.
The SSM2165 is an ideal companion product for audio codecs
used in computer systems, such as the AD1845 and AD1847.
The device is available in 8-lead SOIC and P-DIP packages, and
guaranteed for operation over the extended industrial temperature
range of –40
°C to +85°C. As shown in Figure 1a, the SSM2165-1
has a rotation point of –25.7 dBu (40 mV)
1, a VCA gain of 18 dB,
and gives –7.7 dBu (320 mV) before limiting. As shown in Figure
1b, the SSM2165-2 has a rotation point of –17.8 dBu (100 mV),
a VCA gain of 8 dB and gives –9.8 dBu (250 mV) before limiting.
Both have a noise gate threshold of –64 dBu (500
µV), below
which downward expansion reduces the gain with a ratio of
approximately 1:3. That is, a –3 dB reduction of output signal
occurs with a –1 dB reduction of input signal. For applications
requiring adjustable noise gate threshold, VCA gain up to 18 dB,
and adjustable rotation point, please refer to the SSM2166.
INPUT – dBu
0
–10
–80
–70
–60
–50
–40
–30
–20
–10
–40
–50
–60
–20
–30
Figure 1a. SSM2165-1 Compression and Gating Characteristics
INPUT – dBu
0
–10
–80
–70
–60
–50
–40
–30
–20
–10
–40
–50
–60
–70
–20
–30
Figure 1b. SSM2165-2 Compression and Gating Characteristics
Microphone Preamplifier with
Variable Compression and Noise Gating
*Patents pending.
1All signals are in rms volts or dBu (0 dBu = 0.775 V rms).


Similar Part No. - SSM2165

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
More results

Similar Description - SSM2165

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2166 AD-SSM2166 Datasheet
214Kb / 15P
Microphone Preamplifier with Variable Compression and Noise Gating
REV.A
SSM2167 AD-SSM2167 Datasheet
121Kb / 8P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
LOW NOISE MICROPHONE PREAMPLIFIER
SSM2167 AD-SSM2167_07 Datasheet
275Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
11/07-Rev. B to Rev. C
SSM2166 AD-SSM2166_03 Datasheet
459Kb / 16P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
SSM2166 AD-SSM2166_15 Datasheet
605Kb / 20P
Microphone Preamplifier with Variable Compression and Noise Gating
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com