Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP17 Datasheet(PDF) 2 Page - Analog Devices

Part # TMP17
Description  Low Cost, Current Output Temperature Transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP17 Datasheet(HTML) 2 Page - Analog Devices

  TMP17 Datasheet HTML 1Page - Analog Devices TMP17 Datasheet HTML 2Page - Analog Devices TMP17 Datasheet HTML 3Page - Analog Devices TMP17 Datasheet HTML 4Page - Analog Devices TMP17 Datasheet HTML 5Page - Analog Devices TMP17 Datasheet HTML 6Page - Analog Devices TMP17 Datasheet HTML 7Page - Analog Devices TMP17 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TMP17F/G–SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
ACCURACY
TMP17F
T
A =
25
°C1
2.5
°C
TMP17G
T
A =
25
°C1
3.5
°C
TMP17F
Over Rated Temperature
3.5
°C
TMP17G
Over Rated Temperature
4.5
°C
Power Supply Rejection Ratio
4 V < V
S <
5 V
PSRR
0.5
°C/V
5 V < V
S <
15 V
PSRR
0.3
°C/V
15 V < V
S <
30 V
PSRR
0.3
°C/V
Nonlinearity
Over Rated Temperature
2
0.5
°C
OUTPUT
Nominal Current Output
T
A =
25
°C (298.2K)
298.2
µA
Scale Factor
Over Rated Temperature
1
µA/°C
Repeatability
Note 3
0.2
°C
Long Term Stability
T
A =
150
°C for 500 Hrs4
0.2
°C/month
POWER SUPPLY
Supply Range
V
S
430
V
NOTES
1An external calibration trim can be used to zero the error @
25
°C.
2Defined as the maximum deviation from a mathematically best fit line.
3Maximum deviation between
25
°C readings after a temperature cycle between 40°C and 105°C. Errors of this type are noncumulative.
4Operation at
150
°C. Errors of this type are noncumulative.
Specifications subject to change without notice.
REV. 0
–2–
(V
S =
5.0 V,
40 C
≤ T
A ≤ 105 C, unless otherwise noted)
ORDERING GUIDE
Model
Max Cal Error @ +25 C
Max Error –40 C to +105 C
Nonlinearity –40 C to +105 C
Package Option
TMP17FS
2.5
°C
3.5
°C
0.5
°C
SO-8
TMP17GS
3.5
°C
4.5
°C
0.5
°C
SO-8
ABSOLUTE MAXIMUM RATINGS*
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . .
30 V
Operating Temperature Range . . . . . . . . . .
40
°C to 105°C
Maximum Forward Voltage (
to
) . . . . . . . . . . . . . .
44 V
Maximum Reverse Voltage (
to
) . . . . . . . . . . . . . . .
20 V
Dice Junction Temperature . . . . . . . . . . . . . . . . . . . . .
175
°C
Storage Temperature Range . . . . . . . . . . . .
65
°C to 160°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . .
300
°C
NOTES
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation at or above this specification is not implied. Exposure to the above
maximum rating conditions for extended periods may affect device reliability.
TEMPERATURE SCALE CONVERSION EQUATIONS
K = C
273.15
F =
C
32
9
5
C =
( F
32)
5
9
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the TMP17 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
METALIZATION DIAGRAM
62MILS
37MILS
V+
V–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com